Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674_0609 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3674_0609
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674_0609 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3674_0609 Datasheet HTML 1Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 2Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 3Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 4Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 5Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 6Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 7Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 8Page - National Semiconductor (TI) LM3674_0609 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Typical Application (Continued)
Connection Diagram and Package Mark Information
Pin Descriptions
Pin #
Name
Description
1V
IN
Power supply input. Connect to the input filter capacitor ( Figure 1).
2
GND
Ground pin.
3
EN
Enable input. The device is in shutdown mode when voltage to this pin is <0.4V and
enable when >1.0V. Do not leave this pin floating.
4
FB
Feedback analog input. Connect to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required ( Figure 2).
The internal resistor dividers are disabled for the adjustable version.
5
SW
Switching node connection to the internal PFET switch and NFET synchronous
rectifier.
20167230
FIGURE 2. Typical Application Circuit
SOT23-5 Package
NS Package Number MF05A
20167202
Note: The actual physical placement of the package marking will vary from part to part.
FIGURE 3. Top View
www.national.com
2


Similar Part No. - LM3674_0609

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674MF-1.2 NSC-LM3674MF-1.2 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MF-1.2 TI1-LM3674MF-1.2 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MF-1.2/NOPB TI1-LM3674MF-1.2/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3674MF-1.5 NSC-LM3674MF-1.5 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MF-1.5 TI1-LM3674MF-1.5 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results

Similar Description - LM3674_0609

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com