Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA547F Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA547F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA547F Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA547F Datasheet HTML 1Page - Burr-Brown (TI) OPA547F Datasheet HTML 2Page - Burr-Brown (TI) OPA547F Datasheet HTML 3Page - Burr-Brown (TI) OPA547F Datasheet HTML 4Page - Burr-Brown (TI) OPA547F Datasheet HTML 5Page - Burr-Brown (TI) OPA547F Datasheet HTML 6Page - Burr-Brown (TI) OPA547F Datasheet HTML 7Page - Burr-Brown (TI) OPA547F Datasheet HTML 8Page - Burr-Brown (TI) OPA547F Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OPA547
OPA547
High-Voltage, High-Current
OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA547 is a low cost, high-voltage/high-current opera-
tional amplifier ideal for driving a wide variety of loads. A
laser-trimmed monolithic integrated circuit provides excel-
lent low-level signal accuracy and high output voltage and
current.
The OPA547 operates from either single or dual supplies for
design flexibility. In single supply operation, the input
common-mode range extends below ground.
The OPA547 is internally protected against over-tempera-
ture conditions and current overloads. In addition, the
OPA547 was designed to provide an accurate, user-selected
current limit. Unlike other designs which use a “power”
resistor in series with the output current path, the OPA547
senses the load indirectly. This allows the current limit to be
adjusted from 0 to 750mA with a 0 to 150
µA control signal.
This is easily done with a resistor/potentiometer or con-
trolled digitally with a voltage-out or current-out DAC.
The Enable/Status (E/S) pin provides two functions. An
input on the pin not only disables the output stage to
effectively disconnect the load but also reduces the quies-
cent to conserve power. The E/S pin output can be moni-
tored to determine if the OPA547 is in thermal shutdown.
The OPA547 is available in an industry-standard
7-lead staggered TO-220 package and a 7-lead DDPAK
surface-mount plastic power package. The copper tab allows
easy mounting to a heat sink or circuit board for excellent
thermal performance. It is specified for operation over the
extended industrial temperature range, –40
°C to +85°C.
FEATURES
q WIDE SUPPLY RANGE
Single Supply: +8V to +60V
Dual Supply:
±4V to ±30V
q HIGH OUTPUT CURRENT:
500mA Continuous
q WIDE OUTPUT VOLTAGE SWING
q FULLY PROTECTED:
Thermal Shutdown
Adjustable Current Limit
q OUTPUT DISABLE CONTROL
q THERMAL SHUTDOWN INDICATOR
q HIGH SLEW RATE: 6V/
µs
q LOW QUIESCENT CURRENT
q PACKAGES:
7-Lead TO-220
7-Lead DDPAK Surface-Mount
APPLICATIONS
q VALVE, ACTUATOR DRIVER
q SYNCHRO, SERVO DRIVER
q POWER SUPPLIES
q TEST EQUIPMENT
q TRANSDUCER EXCITATION
q AUDIO AMPLIFIER
OPA547
V
IN
V
IN
+
V+
E/S
R
CL
R
CL sets the current limit
value from 0 to 750mA.
(0.25W
Signal Resistor)
I
LIM
V
O
V–
OPA547
SBOS056A – JANUARY 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA547F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547F BURR-BROWN-OPA547F Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F BURR-BROWN-OPA547F Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500 BURR-BROWN-OPA547F/500 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500G3 BURR-BROWN-OPA547F/500G3 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547FKTWT BURR-BROWN-OPA547FKTWT Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA547F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com