Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX364
Description  Precision, Quad, SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX364 Datasheet HTML 3Page - Maxim Integrated Products MAX364 Datasheet HTML 4Page - Maxim Integrated Products MAX364 Datasheet HTML 5Page - Maxim Integrated Products MAX364 Datasheet HTML 6Page - Maxim Integrated Products MAX364 Datasheet HTML 7Page - Maxim Integrated Products MAX364 Datasheet HTML 8Page - Maxim Integrated Products MAX364 Datasheet HTML 9Page - Maxim Integrated Products MAX364 Datasheet HTML 10Page - Maxim Integrated Products MAX364 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
__________Applications Information
Application Hints
1. Switches are open when power is off.
2. IN_, COM_, NO_, and NC_ should not exceed V+ or
V-, even with the power off.
3. Switch leakage is from each analog switch terminal
to V+ or V-, not to the other switch terminal.
Operation with Supply Voltages
Other than ±15VO
The main limitation of supply voltages other than ±15V is
reduction in the analog signal range. The MAX364/MAX365
switches operate with ±5V to ±20V bipolar supplies. The
Typical Operating Characteristics graphs show typical on
resistance for ±15V, ±10V, and ±5V supplies. Switching
times increase by a factor of two or more for ±5V opera-
tion. The MAX364/MAX365 operate from unipolar sup-
plies of +10V to +24V. Both parts can be powered from a
single +10V to +24V supply, as well as from unbalanced
supplies, such as +24V and -5V. Connect V- to 0V when
operating with a single supply. VL must be connected to
+5V to be TTL compatible or to V+ for CMOS logic input
levels.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. It is important not to exceed the
absolute maximum ratings, because stresses beyond
those listed may cause permanent damage to the
devices. Always sequence V+ on first, followed by VL,
V-, and logic inputs. If power-supply sequencing is not
possible, protect the devices from overvoltage by
adding two small signal diodes in series with the supply
pins (Figure 1). Adding the diodes reduces the analog
signal range to 1V below V+ and 1V below V-, but low
switch resistance and low leakage characteristics are
unaffected. Device operation is unchanged, and the
difference between V+ to V- should not exceed +44V.
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
V+
COM_
V-
NO_
Vg
Figure 1. Overvoltage Protection Using Blocking Diodes


Similar Part No. - MAX364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
MAX364-MAX365 MAXIM-MAX364-MAX365 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX3640 MAXIM-MAX3640 Datasheet
329Kb / 12P
   3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
MAX3640UCM MAXIM-MAX3640UCM Datasheet
329Kb / 12P
   3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
More results

Similar Description - MAX364

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com