Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT25LC512 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64K x 8-Bit SPI Serial OTP EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT25LC512_04 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 9Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 10Page - Holtek Semiconductor Inc HT25LC512_04 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Timing Diagrams
RDSR Timing
READ Timing
HOLD Timing
RDID Timing
HT25LC512
Rev. 1.00
7
June 14, 2004
0
1
2
3
4
5
6
7
8
9
1
0
2
9
3
0
3
7
3
8
H
i g
h
I m
p
e
d
a
n
c
e
I n
s
t r u
c
t i o
n
S
I
S
O
S
C
K
1
1
2
8
3
1
3
2
3
3
3
4
3
5
3
6
3
- B
y
t e
A
d
d
r e
s
s
2
3
2
1
2
2
3
2
1
0
7
6
5
4
3
2
1
0
C
S
t H
D
t C
D
t H
Z
t L Z
t H
D
t C
D
S
C
K
S
O
H
O
L
D
C
S
0
1
2
3
4
5
6
7
8
9
1
0
1
3
1
4
2
1
2
2
H
i g
h
I m
p
e
d
a
n
c
e
S
I
S
O
S
C
K
1
1
1
2
1
5
1
6
1
7
1
8
1
9
2
0
7
6
5
4
3
2
1
0
0
0
0
1
x
1
0
1
D
e
v
i c
e
C
o
d
e
D
a
t a
O
u
t
M
a
n
u
f a
c
t u
r e
r
C
o
d
e
( H
o
l t e
k
)
C
S
0
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
0
1
2
3
4
5
6
7
M
S
B
D
a
t a
O
u
t
H
i g
h
I m
p
e
d
a
n
c
e
I n
s
t r u
c
t i o
n
S
I
S
O
S
C
K
C
S


Similar Part No. - HT25LC512_04

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
More results

Similar Description - HT25LC512_04

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com