Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-7304 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 5082-7304
Description  Hexadecimal and Numeric Indicators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-7304 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  5082-7304 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-7304 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
Storage Temperature, Ambient
TS
-40
+100
°C
Operating Temperature, Case
TC
-20
+85
°C
Forward Current, Each LED
IF
10
mA
Reverse Voltage, Each LED
VR
4V
Recommended Operating Conditions
Description
Symbol
Min.
Nom. Max. Unit
LED Supply Voltage
VCC
4.5
5.0
5.5
V
Forward Current, Each LED
IF
5.0
10
mA
Note:
LED current must be externally limited. Refer to Figure 7 for recommended resistor
values.
Recommended Operating Conditions
(TA = -20°C to 70°C, Unless Otherwise Specified)
Description
Symbol
Test Conditions
Min.
Typ. Max. Unit
Forward Voltage per LED
VF
IF = 10 mA
1.6
2.0
V
Power Dissipation
PT
IF = 10 mA
250
320
mW
All Diodes Lit
Luminous Intensity per LED (Digit Average)
IV
IF = 6 mA
32
70
µcd
TC = 25°C
Peak Wavelength
λ
PEAK
TC = 25°C
655
nm
Dominant Wavelength
λ
d
TC = 25°C30
nm
Weight
0.8
gm
For further information concern-
ing electrical and mechanical
implementation of the 5082-7300
series devices, please refer to
Application Note 934.
www.semiconductor.agilent.com
Data subject to change.
Copyright © 1999 Agilent Technologies, Inc.
Obsoletes 5963-7396E (12/95)
5963-7396E (11/99)


Similar Part No. - 5082-7304

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-7511-00000 HP-5082-7511-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0B000 HP-5082-7511-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0C000 HP-5082-7511-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0D000 HP-5082-7511-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-7511-0E000 HP-5082-7511-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-7304

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com