Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426MJ4470JR05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE426MJ4470JR05
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426MJ4470JR05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE426MJ4470JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426MJ4470JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
209
DERATING OF U
RMS
VS FREQUENCY, +85°C AMBIENT TEMPERATURE
AND 10°C INTERNAL HEATING, TYPICAL VALUES
PHE426
ENVIRONMENTAL TEST DATA
Damp heat test
Test conditions:
T = +40°C, RH = 93%, t = 56 days.
Test criteria:
∆ C/C ≤ ±1%,
∆ tanδ ≤ 0.001 (1kHz),
I
R after test ≥ 0.5 x IR min.
Endurance test
Test conditions:
T = +85°C, U = 1.25 x U
R,
t = 2000 h.
Test criteria:
∆ C/C ≤ ±1%,
∆ tanδ ≤ 0.002 (10 kHz), for C
R ≤ 1 µF
∆ tanδ ≤ 0.002 (1 kHz), for C
R > 1 µF
I
R after test ≥ 0.5 x IR min.
Capacitance drift
Max. 1.5% after a 2 year storage period
at a temperature of +10 ... +40°C and
a relative humidity of 40...60%.
MARKING
RIFA
Article code
Rated capacitance according to IEC 60062
Capacitance tolerance code
Rated voltage
Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table.
For other options, see page 21.
More simulation possibilities
in PCCAD software package.
See page 204.
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
in article table, based on standard lead
length. Reels with taped capacitors are
packed 10 in a box with the dimensions
370 x 370 x 560 mm. Quantity per reel as
in article table. The standard quantity/reel
is for 360 mm reel. If 500 mm reel is
required, it must be specified when
ordering and the quantity is 2 x the given
quantity.
100
0.1
1.0
10
100
10
0.012 µF
0.056 µF
0.22 µF
0.82 µF
2.5 µF
Urms (V)
400 VDC/220 VAC
Frequency (kHz)
100
0.1
1.0
10
100
10
0.022 µF
0.068 µF
0.27 µF
1 µF
Urms (V)
Frequency (kHz)
630 VDC/250 VAC
Urms (V)
1000 VDC/250 VAC
Frequency (kHz)
0.68
µF
2.2
µF
4.7
µF
0.1
µF
0.039
µF
Urms (V)
100
10
0.1
1.0
10
100
1
300 VDC/160 VAC
Frequency (kHz)
100
10
0.1
1.0
10
100
1
0.1
µF
0.33
µF
2.2
µF
4.7
µF
Urms (V)
250 VDC/160VAC
Frequency (kHz)


Similar Part No. - PHE426MJ4470JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426MJ4470JR05 KEMET-PHE426MJ4470JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426MJ4470JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com