Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426MJ4680JR05 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PHE426MJ4680JR05
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426MJ4680JR05 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PHE426MJ4680JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE426MJ4680JR05 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
216
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
630 VDC/250 VAC
LEAD SPACING 7.5 MM
0.0082
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426MK4820JR05
0.010
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426MK5100JR05
0.012
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426MK5120JR05
0.015
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426MK5150JR05
0.018
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426MK5180JR05
0.022
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426MK5220JR05
0.027
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426MK5270JR05
0.033
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426MK5330JR05
LEAD SPACING 10 MM
0.010
4.0
9.0
13.0
10.0
1000
900
0.6
400
135
PHE426MA5100JR05
0.012
4.0
9.0
13.0
10.0
1000
900
0.6
400
135
PHE426MA5120JR05
0.015
4.0
9.0
13.0
10.0
1000
900
0.6
400
135
PHE426MA5150JR05
0.018
4.0
9.0
13.0
10.0
1000
900
0.6
400
135
PHE426MA5180JR05
0.022
4.5
10.5
13.0
10.0
1000
800
0.9
400
120
PHE426MA5220JR05
0.027
4.5
10.5
13.0
10.0
1000
800
0.9
400
120
PHE426MA5270JR05
0.033
5.0
11.0
13.0
10.0
800
700
1.0
400
113
PHE426MA5330JR05
0.039
6.0
12.0
13.0
10.0
600
500
1.3
400
105
PHE426MA5390JR05
0.047
6.0
12.0
13.0
10.0
600
500
1.3
400
105
PHE426MA5470JR05
LEAD SPACING 15 MM
0.033
5.5
10.5
18.0
15.0
1000
600
1.5
300
99
PHE426MB5330JR06
0.039
5.5
10.5
18.0
15.0
1000
600
1.5
300
99
PHE426MB5390JR06
0.047
5.5
10.5
18.0
15.0
1000
600
1.5
300
99
PHE426MB5470JR06
0.056
5.5
12.5
18.0
15.0
1000
600
1.7
300
85
PHE426MB5560JR06
0.068
6.0
12.0
18.0
15.0
1000
500
1.8
300
83
PHE426MB5680JR06
0.082
6.5
12.5
18.0
15.0
1000
500
2.0
300
84
PHE426MB5820JR06
0.10
7.5
14.5
18.0
15.0
800
400
2.7
300
74
PHE426MB6100JR06
0.12
7.5
14.5
18.0
15.0
800
400
2.7
300
74
PHE426MB6120JR06
0.15
8.5
16.0
18.0
15.0
600
400
3.4
300
64
PHE426MB6150JR06
0.18
9.5
17.5
18.0
15.0
500
350
4.2
300
60
PHE426MB6180JR06
0.22
9.5
17.5
18.0
15.0
500
350
4.2
300
60
PHE426MB6220JR06
LEAD SPACING 22.5 MM
0.10
6.5
14.5
26.0
22.5
234
3.2
200
58
PHE426MD6100JR06L2
0.12
6.5
14.5
26.0
22.5
234
3.2
200
58
PHE426MD6120JR06L2
0.15
6.5
14.5
26.0
22.5
234
3.2
200
58
PHE426MD6150JR06L2
0.18
7.0
16.5
26.0
22.5
216
3.9
200
53
PHE426MD6180JR06L2
0.22
8.0
16.0
26.0
22.5
186
4.3
200
53
PHE426MD6220JR06L2
0.27
9.0
18.5
26.0
22.5
168
5.6
200
48
PHE426MD6270JR06L2
0.33
9.0
18.5
26.0
22.5
168
5.6
200
48
PHE426MD6330JR06L2
0.39
10.5
19.0
26.0
22.5
264
6.7
200
45
PHE426MD6390JR06L2
0.47
11.0
21.5
26.0
22.5
253
8.0
200
40
PHE426MD6470JR06L2
0.56
13.5
23.0
26.0
22.5
209
8.2
200
40
PHE426MD6560JR06L2
0.68
15.5
24.5
26.0
22.5
176
10.0
200
40
PHE426MD6680JR06L2
0.82
15.5
24.5
26.0
22.5
176
10.0
200
40
PHE426MD6820JR06L2
LEAD SPACING 27.5 MM
0.33
10.5
20.5
31.5
27.5
216
8.8
140
37
PHE426MF6330JR06L2
0.39
10.5
20.5
31.5
27.5
216
8.8
140
37
PHE426MF6390JR06L2
0.47
10.5
20.5
31.5
27.5
216
8.8
140
37
PHE426MF6470JR06L2
0.56
11.5
22.5
31.5
27.5
198
10.6
140
34
PHE426MF6560JR06L2
0.68
11.5
22.5
31.5
27.5
198
10.6
140
34
PHE426MF6680JR06L2
0.82
13.5
23.0
31.5
27.5
171
12.7
140
33
PHE426MF6820JR06L2
1.0
14.5
24.5
31.5
27.5
153
14.5
140
32
PHE426MF7100JR06L2
1.2
17.5
28.0
31.5
27.5
126
19.7
140
28
PHE426MF7120JR06L2
1.5
19.0
29.0
31.5
27.5
117
22.1
140
26
PHE426MF7150JR06L2
1.8
21.0
30.0
31.5
27.5
108
25.3
140
26
PHE426MF7180JR06L2


Similar Part No. - PHE426MJ4680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426MJ4680JR05 KEMET-PHE426MJ4680JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426MJ4680JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com