Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1021CV33
Description  1-Mbit (64K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1021CV33_08 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7C1021CV33
1-Mbit (64K x 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05132 Rev. *I
Revised January 04, 2008
Features
Temperature ranges
Commercial: 0°C to 70°C
Industrial: –40°C to 85°C
Automotive-A: –40°C to 85°C
Automotive-E: –40°C to 125°C
Pin and function compatible with CY7C1021BV33
High speed
tAA = 8 ns (Commercial)
tAA = 10 ns (Industrial and Automotive-A)
tAA = 12 ns (Automotive-E)
CMOS for optimum speed and power
Low active power: 325 mW (max)
Automatic power down when deselected
Independent control of upper and lower bits
Available in Pb-free and non Pb-free 44-pin 400 Mil SOJ, 44-pin
TSOP II and 48-Ball FBGA packages
Functional Description
The CY7C1021CV33 is a high performance CMOS static RAM
organized as 65,536 words by 16 bits. This device has an
automatic power down feature that significantly reduces power
consumption when deselected.
Writing to the device is accomplished by taking Chip Enable (CE)
and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is
LOW, then data from IO pins (IO1 through IO8), is written into the
location specified on the address pins (A0 through A15). If Byte
High Enable (BHE) is LOW, then data from IO pins (IO9 through
IO16) is written into the location specified on the address pins (A0
through A15).
Reading from the device is accomplished by taking Chip Enable
(CE) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data
from the memory location specified by the address pins appear
on IO1 to IO8. If Byte High Enable (BHE) is LOW, then data from
memory appears on IO9 to IO16. For more information, see the
“Truth Table” on page 9 for a complete description of Read and
Write modes.
The input and output pins (IO1 through IO16) are placed in a high
impedance state when the device is deselected (CE HIGH), the
outputs are disabled (OE HIGH), the BHE and BLE are disabled
(BHE, BLE HIGH), or during a write operation (CE LOW and WE
LOW).
For best practice recommendations, refer to the Cypress
application note AN1064, SRAM System Guidelines.
Logic Block Diagram
64K x 16
RAM Array
IO0–IO7
A7
A6
A5
A4
A3
A0
COLUMN DECODER
DATA IN DRIVERS
OE
A2
A1
IO8–IO15
CE
WE
BLE
BHE
[+] Feedback


Similar Part No. - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com