Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CY7C1021CV33 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1021CV33
Description  1-Mbit (64K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1021CV33_08 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 10Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 11Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 12Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 13Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C1021CV33
Document Number: 38-05132 Rev. *I
Page 10 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
8
CY7C1021CV33-8BAXC
51-85096 48-ball FBGA (Pb-free)
Commercial
10
CY7C1021CV33-10VXC
51-85082 44-pin (400-Mil) Molded SOJ (Pb-free)
Commercial
CY7C1021CV33-10ZXC
51-85087 44-pin TSOP Type II (Pb-free)
CY7C1021CV33-10BAXI
51-85096 48-ball FBGA (Pb-free)
Industrial
CY7C1021CV33-10ZSXA
51-85087 44-pin TSOP Type II (Pb-free)
Automotive-A
12
CY7C1021CV33-12ZXC
51-85087 44-pin TSOP Type II (Pb-free)
Commercial
CY7C1021CV33-12BAI
51-85096 48-ball FBGA
Industrial
CY7C1021CV33-12VXE
51-85082 44-pin (400-Mil) Molded SOJ (Pb-free)
Automotive-E
CY7C1021CV33-12ZSXE
51-85087 44-pin TSOP Type II (Pb-free)
15
CY7C1021CV33-15ZXC
51-85087 44-pin TSOP Type II (Pb-free)
Commercial
CY7C1021CV33-15ZSXA
51-85087 44-pin TSOP Type II (Pb-free)
Automotive-A
The 44 pin TSOP II package containing the Automotive grade device is designated as “ZS”, while the same package containing the Commercial/Industrial grade device
is “Z”.
[+] Feedback


Similar Part No. - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com