Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1670E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1670E
Description  Portable System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1670E Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1670E Datasheet HTML 1Page - Maxim Integrated Products DS1670E Datasheet HTML 2Page - Maxim Integrated Products DS1670E Datasheet HTML 3Page - Maxim Integrated Products DS1670E Datasheet HTML 4Page - Maxim Integrated Products DS1670E Datasheet HTML 5Page - Maxim Integrated Products DS1670E Datasheet HTML 6Page - Maxim Integrated Products DS1670E Datasheet HTML 7Page - Maxim Integrated Products DS1670E Datasheet HTML 8Page - Maxim Integrated Products DS1670E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1670
4 of 16
POWER-UP/POWER-DOWN CONSIDERATIONS
The DS1670 was designed to operate with a power supply of 3.3V. When 3.3V are applied within
nominal limits, the device becomes fully accessible after tRPU (250ms typical). Before tRPU elapses, all
inputs are disabled. When VCC drops below 2.88V (typical), the RST pin is driven low. When VCC drops
below the lower of 2.7V (typical) or the battery voltage, the device is switched over to the backup power
supply.
During power-up, when VCC returns to an in-tolerance condition, the RST pin is kept in the active state
for 250ms (typical) to allow the power supply and microprocessor to stabilize.
ADDRESS/COMMAND BYTE
The command byte for the DS1670 is shown in Figure 2. Each data transfer is initiated by a command
byte. Bits 0 through 6 specify the addresses of the registers to be accessed. The MSB (bit 7) is the
Read/Write bit. This bit specifies whether the accessed byte will be read or written. A read operation is
selected if bit 7 is a 0 and a write operation is selected if bit 7 is a 1. The address map for the DS1670 is
shown in Figure 3.
ADDRESS/COMMAND BYTE Figure 2
7
6
5
4
3
2
1
0
RD
WR
A6
A5
A4
A3
A2
A1
A0
DS1670 ADDRESS MAP Figure 3
BIT 7
BIT 0
00
0
10 SECONDS
SECONDS
01
0
10 MINUTES
MINUTES
10 HR
02
0
12
24
A/P
10 HR
HOURS
03
0
0
0
0
0
DAY
04
0
0
10 DATE
DATE
05
0
0
0
10
MO.
MONTH
06
10 YEAR
YEAR
07
M
10 SEC ALARM
SECONDS ALARM
08
M
10 MIN ALARM
MINUTES ALARM
10 HR
09
M
12
24
A/P
10 HR
HOUR ALARM
0A
M
0
0
0
DAY ALARM
0B
CONTROL REGISTER
0C
STATUS REGISTER
0D
WATCHDOG REGISTER
0E
ADC REGISTER
0F
7F
RESERVED


Similar Part No. - DS1670E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1670E DALLAS-DS1670E Datasheet
252Kb / 17P
   Portable System Controller
More results

Similar Description - DS1670E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com