Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1673E-3+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1673E-3+
Description  Portable System Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1673E-3+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1673E-3+ Datasheet HTML 5Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 6Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 11Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 12Page - Maxim Integrated Products DS1673E-3+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1673
9 of 18
WATCHDOG TIME-OUT CONTROL Figure 5
WATCHDOG REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
TD1
TD0
WATCHDOG REGISTER
TD1
TD0
WATCHDOG TIME-OUT
0
0
WATCHDOG DISABLED
0
1
250 ms
1
0
500 ms
1
1
1000 ms
ANALOG-TO-DIGITAL CONVERTER
The DS1673 provides a 3-channel, 8-bit analog-to-digital converter. The ADC reference voltage (2.55V
typical) is derived from an on-chip band-gap circuit. Three multiplexed analog inputs are provided
through the AIN0, AIN1, and AIN2 pins. The ADC is monotonic (no missing codes) and uses a
successive approximation technique to convert the analog signal into a digital code.
An A/D conversion is the process of assigning a digital code to an analog input voltage. This code
represents the input value as a fraction of the full-scale voltage (FSV) range. Thus, the FSV range is then
divided by the ADC into 256 codes (8 bits). The FSV range is bounded by an upper limit equal to the
reference voltage and the lower limit, which is ground. The DS1673 has a FSV of 2.55V (typical) that
provides a resolution of 10mV. An input voltage equal to the reference voltage converts to FFh while an
input voltage equal to ground converts to 00h. The relative linearity of the ADC is
±0.5 LSB.
The A/D converter selects from one of three different analog inputs (AIN0–AIN2). The input that is
selected is determined by the Analog Input Select (AIS) bits in the Control Register. Table 2 lists the
specific analog input that is selected by these 2 bits. Note also that the converter can be turned off by
these bits to reduce power. When the ADC is turned on by setting AIS0 and AIS1 to any value other than
0,0 the analog input voltage is converted and written to the ADC Register within 488
ms. An internal
analog filter at the input reduces high frequency noise. Subsequent updates occur approximately every
10ms. If AIS0 and/or AIS1 are changed, updates will occur at the next 10 ms conversion time.
The Conversion Update In Progress (CU) bit in the Status Register indicates when the ADC Register can
be read. When this bit is a 1, an update to the ADC Register will occur within 488
ms maximum. However,
when this bit is 0 an update will not occur for at least 244
ms. The CU bit should be polled before reading
the ADC Register to insure that the contents are stable during a read cycle. Once a read cycle to the ADC
Register has been started, the DS1673 will not update that register until the read cycle has been
completed. It should also be mentioned that taking CS low will abort the read cycle and will allow the
ADC Register to be updated.
Figure 6 illustrates the timing of the CU bit relative to an instruction to begin conversion and the
completion of that conversion.


Similar Part No. - DS1673E-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673E-3 DALLAS-DS1673E-3 Datasheet
216Kb / 20P
   Portable System Controller
More results

Similar Description - DS1673E-3+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com