Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1673E-5 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1673E-5
Description  Portable System Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1673E-5 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1673E-5 Datasheet HTML 3Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 4Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 5Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 6Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 7Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 8Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 9Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 10Page - Maxim Integrated Products DS1673E-5 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1673
7 of 18
STATUS REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CU
LOBAT
0
0
0
0
0
IRQF
CU (Conversion Update In Progress). When this bit is a 1, an update to the ADC Register (register
0Eh) will occur within 488
ms. When this bit is a 0, an update to the ADC Register will not occur for at
least 244
ms.
LOBAT (Low Battery Flag). This bit reflects the status of the backup power source connected to the
VBAT pin. When VBAT is greater than 2.5V, LOBAT is set to a logic 0. When VBAT is less than 2.3V,
LOBAT is set to a logic 1.
IRQF (Interrupt Request Flag). A logic 1 in the Interrupt Request Flag bit indicates that the current
time has matched the time of day Alarm registers. If the AIE bit is also a logic 1, the INT pin will go
high. IRQF is cleared by reading or writing to any of the alarm registers.
POWER-UP DEFAULT STATES
These bits are set to a one upon initial power-up:
EOSC , TD1 and TD0. These bits are cleared upon
initial power-up: WP, AIS1, and AIS0.
NONVOLATILE SRAM CONTROLLER
The DS1673 provides automatic backup and write protection for external SRAM. This function is
provided by gating the chip enable signals and by providing a constant power supply through the VCCO
pin. The DS1673 was specifically designed with the Intel 80186 and 386EX microprocessors in mind. As
such, the DS1673 has the capability to provide access to the external SRAM in either byte-wide or word-
wide format. This capability is provided by the chip enable scheme. Three input signals and two output
signals are used for enabling the external SRAM(s) (see Figure 4). CEI (chip enable in), BHE (byte high
enable), and BLE (byte low enable) are used for enabling either one or two external SRAMs through the
CEOL
(chip enable low) and the CEOH (chip enable high) outputs. Table 3 illustrates the function of
these pins.
The DS1673 nonvolatilizes the external SRAM(s) by write-protecting the SRAM(s) and by providing a
back-up power supply in the absence of VCC. When VCC falls below VPF, access to the external SRAM(s)
are prohibited by forcing CEOL and CEOH high regardless of the level of CEI , BLE , and BHE . Upon
power-up, access is prohibited until the end of tRPU.
EXTERNAL SRAM CHIP ENABLE Table 3
CEI
BHE
BLE
CEOL
CEOH
FUNCTION
0
0
0
0
0
Word transfer
0
0
1
1
0
Byte transfer in upper half of data bus (D15-D8)
0
1
0
0
1
Byte transfer in lower half of data bus (D7-D0)
0
1
1
1
1
External SRAMs disabled
1
X
X
1
1
External SRAMs disabled


Similar Part No. - DS1673E-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673E-5 DALLAS-DS1673E-5 Datasheet
216Kb / 20P
   Portable System Controller
More results

Similar Description - DS1673E-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com