Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685-5IND Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1685-5IND
Description  3V/5V Real-Time Clocks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685-5IND Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1685-5IND Datasheet HTML 7Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 8Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 9Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 10Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 11Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 12Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 13Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 14Page - Dallas Semiconductor DS1685-5IND Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
11 of 39
Table 2. Time, Calendar, and Alarm Data Modes—Binary Mode (DM = 1)
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
0
0
Seconds
Seconds
00-3B
01H
0
0
Seconds
Seconds
Alarm
00-3B
02H
0
0
Minutes
Minutes
00-3B
03H
0
0
Minutes
Minutes
Alarm
00-3B
AM/PM
0
Hours
04H
0
0
0
Hours
Hours
1-0C
+AM/PM
00-17
AM/PM
0
Hours
05H
0
0
0
Hours
Hours
Alarm
1-0C
+AM/PM
00-17
06H
0
0
0
0
0
Day
Day
01-07
07H
0
0
0
Date
Date
01-1F
08H
0
0
0
0
Month
Month
01-0C
09H
0
Year
Year
00-63
0AH
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
Control
0BH
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
Control
0CH
IRQF
PF
AF
UF
0
0
0
0
Control
0DH
VRT
0
0
0
0
0
0
0
Control
48H
Century
Bank 1
Century
00-63
49H
10 Date
Date
Bank 1
Date Alarm
01-1F


Similar Part No. - DS1685-5IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685-5IND++ MAXIM-DS1685-5IND+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685-5IND MAXIM-DS1685-5IND_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
More results

Similar Description - DS1685-5IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com