Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426PF6180JR06L2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PHE426PF6180JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426PF6180JR06L2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PHE426PF6180JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426PF6180JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
211
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
250 VDC/160 VAC
LEAD SPACING 7.5 MM
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5100JR05
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5120JR05
0.015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5150JR05
0.018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5180JR05
0.022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5220JR05
0.027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5270JR05
0.033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5330JR05
0.039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5390JR05
0.047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5470JR05
0.056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
180
160
PHE426HK5560JR05
0.068
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
180
160
PHE426HK5680JR05
0.082
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
180
160
PHE426HK5820JR05
0.10
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
180
160
PHE426HK6100JR05
0.12
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
180
160
PHE426HK6120JR05
0.15
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
180
160
PHE426HK6150JR05
LEAD SPACING 10 MM
0.068
4.0
9.0
13.0
10.0
1000
900
0.6
160
135
PHE426HA5680JR05
0.082
4.0
9.0
13.0
10.0
1000
900
0.6
160
135
PHE426HA5820JR05
0.10
4.5
10.5
13.0
10.0
1000
800
0.9
160
120
PHE426HA6100JR05
0.12
4.5
10.5
13.0
10.0
1000
800
0.9
160
120
PHE426HA6120JR05
0.15
5.0
11.0
13.0
10.0
800
700
1.0
160
113
PHE426HA6150JR05
0.18
5.0
11.0
13.0
10.0
800
700
1.0
160
113
PHE426HA6180JR05
0.22
6.0
12.0
13.0
10.0
600
500
1.3
160
105
PHE426HA6220JR05
LEAD SPACING 15 MM
0.18
5.5
10.5
18.0
15.0
1000
600
1.5
120
99
PHE426HB6180JR06
0.22
5.5
10.5
18.0
15.0
1000
600
1.5
120
99
PHE426HB6220JR06
0.27
5.5
12.5
18.0
15.0
1000
600
1.7
120
85
PHE426HB6270JR06
0.33
6.0
12.0
18.0
15.0
1000
500
1.8
120
83
PHE426HB6330JR06
0.39
6.5
12.5
18.0
15.0
1000
500
2.0
120
82
PHE426HB6390JR06
0.47
7.5
14.5
18.0
15.0
800
400
2.7
120
74
PHE426HB6470JR06
0.56
7.5
14.5
18.0
15.0
800
400
2.7
120
74
PHE426HB6560JR06
0.68
8.0
15.0
18.0
15.0
600
400
3.0
120
71
PHE426HB6680JR06
0.82
8.5
16.0
18.0
15.0
600
400
3.4
120
64
PHE426HB6820JR06
1.0
9.5
17.5
18.0
15.0
500
350
4.2
120
60
PHE426HB7100JR06
LEAD SPACING 22.5 MM
0.68
6.5
14.5
26.0
22.5
234
3.2
80
58
PHE426HD6680JR06L2
0.82
7.0
16.5
26.0
22.5
216
3.9
80
53
PHE426HD6820JR06L2
1.0
7.0
16.5
26.0
22.5
216
3.9
80
53
PHE426HD7100JR06L2
1.2
8.0
16.0
26.0
22.5
186
4.3
80
53
PHE426HD7120JR06L2
1.5
9.0
18.5
26.0
22.5
168
5.6
80
48
PHE426HD7150JR06L2
1.8
10.5
19.0
26.0
22.5
264
6.7
80
45
PHE426HD7180JR06L2
2.2
11.0
21.5
26.0
22.5
253
8.0
80
40
PHE426HD7220JR06L2
2.7
13.5
23.0
26.0
22.5
209
8.2
80
40
PHE426HD7270JR06L2
3.3
13.5
23.0
26.0
22.5
209
8.2
80
40
PHE426HD7330JR06L2
3.9
15.5
24.5
26.0
22.5
176
10.0
80
40
PHE426HD7390JR06L2
4.7
15.5
24.5
26.0
22.5
176
10.0
80
40
PHE426HD7470JR06L2


Similar Part No. - PHE426PF6180JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426PF6180JR06L2 KEMET-PHE426PF6180JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426PF6180JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com