Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17285E3 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS17285E3
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17285E3 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS17285E3 Datasheet HTML 3Page - Maxim Integrated Products DS17285E3 Datasheet HTML 4Page - Maxim Integrated Products DS17285E3 Datasheet HTML 5Page - Maxim Integrated Products DS17285E3 Datasheet HTML 6Page - Maxim Integrated Products DS17285E3 Datasheet HTML 7Page - Maxim Integrated Products DS17285E3 Datasheet HTML 8Page - Maxim Integrated Products DS17285E3 Datasheet HTML 9Page - Maxim Integrated Products DS17285E3 Datasheet HTML 10Page - Maxim Integrated Products DS17285E3 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Real-Time Clocks
_____________________________________________________________________
7
SUPPLY CURRENT
vs. INPUT VOLTAGE
VBAT (V)
3.5
3.3
3.0
2.8
250
300
350
400
200
2.5
3.8
VCC = 0V
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
65
50
35
20
5
-10
-25
300
350
400
250
-40
80
VBAT = 3.0V
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
32768.1
32768.2
32768.3
32768.4
32768.5
32768.6
32768.7
32768.0
2.5
5.5
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
24
28
NAME
FUNCTION
18
PWR
Active-Low Power-On Reset. This open-drain output pin is intended for use as an on/off control
for the system power. With VCC voltage removed from the device, PWR can be automatically
activated from a kickstart input by the KS pin or from a wake-up interrupt. Once the system is
powered on, the state of PWR can be controlled by bits in the control registers. The PWR pin
can be connected through a pullup resistor to a positive supply. For 5V operation, the voltage
of the pullup supply should be no greater than 5.7V. For 3V operation, the voltage on the
pullup supply should be no greater than 3.9V.
2, 3
9, 10
X1, X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 6pF or
12.5pF. Pin X1 is the input to the oscillator and can optionally be connected to an external
32.768kHz oscillator. The output of the internal oscillator, pin X2, is floated if an external
oscillator is connected to pin X1. These pins are missing (N.C.) on the EDIP package.
4–11
12–17,
19, 20
AD0–AD7
Multiplexed Bidirectional Address/Data Bus. The addresses are presented during the first
portion of the bus cycle and latched into the device by the falling edge of ALE. Write data is
latched by the rising edge of WR. In a read cycle, the device outputs data during the latter
portion of the RD low. The read cycle is terminated and the bus returns to a high-impedance
state as RD transitions high.
12, 16
21, 22, 26
GND
Ground


Similar Part No. - DS17285E3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285E-3 DALLAS-DS17285E-3 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285E-3++ MAXIM-DS17285E-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
logo
Dallas Semiconductor
DS17285E-5 DALLAS-DS17285E-5 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285E-5++ MAXIM-DS17285E-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
logo
Dallas Semiconductor
DS17285EN-3 DALLAS-DS17285EN-3 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
More results

Similar Description - DS17285E3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com