Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7400A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7400A
Description  Isolated Sigma-Delta Modulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400A Datasheet(HTML) 1 Page - Analog Devices

  AD7400A Datasheet HTML 1Page - Analog Devices AD7400A Datasheet HTML 2Page - Analog Devices AD7400A Datasheet HTML 3Page - Analog Devices AD7400A Datasheet HTML 4Page - Analog Devices AD7400A Datasheet HTML 5Page - Analog Devices AD7400A Datasheet HTML 6Page - Analog Devices AD7400A Datasheet HTML 7Page - Analog Devices AD7400A Datasheet HTML 8Page - Analog Devices AD7400A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Isolated Sigma-Delta Modulator
Preliminary Technical Data
AD7400A
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
10 MHz clock rate
Second-order modulator
16 bits no missing codes
±2 LSB INL typical at 16 bits
3.5 µV/°C maximum offset drift
On-board digital isolator
On-board reference
Low power operation: 18 mA maximum at 5.25 V
−40°C to +125°C operating range
16-lead SOIC, 8-lead gull-wing surface mount DIP packages
AD7401A, external clock version
Safety and regulatory approvals
UL recognition
3750 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
VIORM = 891 V peak
APPLICATIONS
AC motor controls
Data acquisition systems
A/D + opto-isolator replacements
GENERAL DESCRIPTION
The AD7400A1 is a second-order, Σ-Δ modulator that converts
an analog input signal into a high speed, 1-bit data stream with
on-chip digital isolation based on Analog Devices, Inc.
iCoupler® technology. The AD7400A operates from a 5 V power
supply and accepts a differential input signal of ±200 mV
(±320 mV full scale). The analog input is continuously sampled
by the analog modulator, eliminating the need for external
sample-and-hold circuitry. The input information is contained
in the output stream as a density of ones with a data rate of
10 MHz. The original information can be reconstructed with an
appropriate digital filter. The serial I/O can use a 5 V or a 3 V
supply (VDD2).
The serial interface is digitally isolated. High speed CMOS,
combined with monolithic air core transformer technology,
means the on-chip isolation provides outstanding performance
characteristics superior to alternatives such as optocoupler
devices. The part contains an on-chip reference. The AD7400A
is offered in a 16-lead SOIC and 8-lead gull-wing surface mount
DIP and has an operating temperature range of −40°C to
+125°C.
FUNCTIONAL BLOCK DIAGRAM
VIN+
VDD1
VDD2
VIN
Σ-∆ ADC
CONTROL LOGIC
AD7400A
BUF
T/H
REF
UPDATE
GND1
GND2
MDAT
MCLKOUT
ENCODE
ENCODE
DECODE
DECODE
WATCHDOG
WATCHDOG
UPDATE
Figure 1.
1 Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,329. Other patents pending.


Similar Part No. - AD7400A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400A AD-AD7400A Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400A AD-AD7400A Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
AD7400AYRWZ AD-AD7400AYRWZ Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
AD7400AYRWZ-RL AD-AD7400AYRWZ-RL Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results

Similar Description - AD7400A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com