Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207APG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1207APG
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207APG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1207APG Datasheet HTML 6Page - ON Semiconductor NCP1207APG Datasheet HTML 7Page - ON Semiconductor NCP1207APG Datasheet HTML 8Page - ON Semiconductor NCP1207APG Datasheet HTML 9Page - ON Semiconductor NCP1207APG Datasheet HTML 10Page - ON Semiconductor NCP1207APG Datasheet HTML 11Page - ON Semiconductor NCP1207APG Datasheet HTML 12Page - ON Semiconductor NCP1207APG Datasheet HTML 13Page - ON Semiconductor NCP1207APG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP1207A, NCP1207B
http://onsemi.com
10
An optocoupler is generally used to transfer the feedback
information to the FB pin while providing the necessary
isolation. It introduces a limitation in how low the skip level
can be adjusted since an optocoupler cannot pull the FB
voltage below its Vce(sat), which is usually around 150 mV.
Therefore, in order to take into account temperature and
process variations, it is not recommended to set up the skip
level below 250 mV, which corresponds to a minimum
resistor Rskip of 420
W. The 150 mV is a much lower level
than what will usually be used (it sets the peak current when
entering skip mode at 5% of the maximum peak current).
If anyway a lower skip threshold is needed, care must be
taken to select an optocoupler with a Vce(sat) guaranteed to
be below the chosen skip level with enough margin.
Demagnetization Detection
The core reset detection is done by monitoring the voltage
activity on the auxiliary winding. This voltage features a
FLYBACK polarity. The typical detection level is fixed at
50mV as exemplified by Figure 17.
POSSIBLE
RE-STARTS
50 mV
Figure 17. Core reset detection is done through a
dedicated auxiliary winding monitoring
7.0
5.0
3.0
1.0
-1.0
0 V
Figure 18. Internal Pad Implementation
TO INTERNAL
COMPARATOR
Aux
Resd
Rdem
ESD2
ESD1
4
5
2
4
1
Resd + Rint = 28 k
Rint
3
1
An internal timer prevents any re-start within 8.0
ms
(NCP1207A) or 4.5
ms (NCP1207B) further to the driver
going-low transition. This prevents the switching frequency
to exceed (1 / (TON + 8.0
ms)) or (1 / (TON + 4.5 ms)) but also
avoid false leakage inductance tripping at turn-off. In some
cases, the leakage inductance kick is so energetic, that a slight
filtering is necessary.
The NCP1207A/B demagnetization detection pad features
a specific component arrangement as detailed by Figure 18.
In this picture, the zener diodes network protect the IC against
any potential ESD discharge that could appear on the pins.
The first ESD diode connected to the pad, exhibits a parasitic
capacitance. When this parasitic capacitance (10pF
typically) is combined with Rdem, a re-start delay is created
and the possibility to switch right in the drain-source wave
exists. This guarantees QR operation with all the associated
benefits (low EMI, no turn-on losses etc.). Rdem should be
calculated to limit the maximum current flowing through
pin 1 to less than +3 mA/-2 mA. If during turn-on, the
auxiliary winding delivers 30 V (at the highest line level),
then the minimum Rdem value is defined by: (30 V + 0.7 V)
/ 2mA = 14.6 k
W. This value will be further increased to
introduce a re-start delay and also a slight filtering in case of
high leakage energy.
Figure 19 portrays a typical VDS shot at nominal output
power.
Figure 19. The NCP1207A Operates in
Borderline / Critical Operation
400
300
200
100
0
Overvoltage Protection
The overvoltage protection works by sampling the plateau
voltage 4.5
ms (NCP1207A) or 1.5 ms (NCP1207B)after the
turn-off sequence. This delay guarantees a clean plateau,
providing that the leakage inductance ringing has been fully
damped. If this would not be the case, the designer should
install a small RC damper across the transformer primary
inductance connections. Figure 20 shows where the
sampling occurs on the auxiliary winding.


Similar Part No. - NCP1207APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207APG ONSEMI-NCP1207APG Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207APG ONSEMI-NCP1207APG Datasheet
236Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 14
NCP1207APG ONSEMI-NCP1207APG Datasheet
490Kb / 21P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
September, 2022 - Rev. 15
More results

Similar Description - NCP1207APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com