Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4492 Datasheet(PDF) 1 Page - Sensitron

Part # 1N4492
Description  Zener 1.5W DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4492 Datasheet(HTML) 1 Page - Sensitron

  1N4492 Datasheet HTML 1Page - Sensitron 1N4492 Datasheet HTML 2Page - Sensitron 1N4492 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4239, Rev-
Zener 1.5W DIODE
SENSITRON`s Power Semiconductor Products have been used in space, military and high-rel applications for
more than 30 years. Our 1.5W silicon, low leakage, voltage regulator diodes are available in both leaded axial and
surface mount melf packaging. We also supply 1.5W Zener die products.
Applications / Markets:
Features / Benefits:
▼Voltage regulation and voltage limiting
▼Ultra-low reverse leakage current
▼Voltage regulation over a broad operating range
▼ Sharp Zener knee
▼Low power protection
▼Zener voltage available from 36V to 160V
▼Analog Circuits
▼ Hermetic, non-cavity glass package
▼High-Rel Industrial
▼ Metallurgically bonded
▼Military
▼ Extensive line of QPL Products
▼Aerospace
▼ Screening to TX/TXV/S level
▼ Space/satellites
▼ Tape & reel available
Electrical characteristics – Temperature 25
oC unless otherwise noted
Part #
Vz
Nom
Vz
Min
Vz
Max
Iz test
current
Zz
imped
ance
Zk
Knee
impedance
Iz Max
dc
current
Voltage
regulation
Izsm
Reverse
Voltage
IR
Reverse
Current
Dc
Ir1
αVZ
Temp
coeffi
cient
IZK
Test
current
IR2
Reverse
current*
1N4478
1N4479
1N4480
1N4481
1N4482
1N4483
1N4484
1N4485
1N4486
1N4487
1N4488
1N4489
1N4490
1N4491
1N4492
1N4493
1N4494
V
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
V
34.2
37.1
40.9
44.7
48.5
53.2
58.9
64.6
71.3
77.9
86.5
95.0
104.5
114.0
123.5
142.5
152
V
37.8
40.9
45.1
49.3
53.5
58.8
65.1
71.4
78.8
86.1
95.5
105.0
115.5
126.0
136.5
157.5
168
mA
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
2.3
2.0
1.9
1.7
1.6
27
30
40
50
60
70
80
100
130
160
200
250
300
400
500
700
1000
850
900
950
1000
1100
1300
1500
1700
2000
2500
3000
3100
4000
4500
5000
6000
6500
mA
40
37
33
30
28
26
23
21
19
17
16
14
13
12
11
9.5
8.9
V
1.7
1.8
1.9
2.1
2.3
2.5
2.7
3.0
3.3
3.6
4.0
4.4
5.0
5.5
6.0
7.0
8.0
A
.40
.37
.33
.30
.28
.26
.23
.21
.19
.17
.16
.14
.13
.12
.11
.095
.089
V
28.8
31.2
34.4
37.6
40.8
44.8
49.6
54.4
60.0
65.6
72.8
80.0
88.0
96.0
104
120
128
µA
.05
.05
.05
.05
.05
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
%/
oC
0.093
0.094
0.095
0.095
0.096
0.096
0.097
0.097
0.098
0.098
0.099
0.100
0.100
0.100
0.100
0.100
0.100
mA
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
µA
2
2
2
2
2
10
10
10
10
10
10
10
10
10
10
10
10
* Dc TA=+150
oC IR2
1N4478 to 1N4494
1N4478U to 1N4494U


Similar Part No. - 1N4492

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4492 MICROSEMI-1N4492 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4492 CENTRAL-1N4492 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4492 SEMTECH-1N4492 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4492 EIC-1N4492 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
logo
Sensitron
1N4492 SENSITRON-1N4492 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Similar Description - 1N4492

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com