Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7173-SPG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7173-SPG-7
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173-SPG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7173-SPG-7 Datasheet HTML 1Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 2Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 3Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 4Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 5Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 6Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 7Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 8Page - Diodes Incorporated AP7173-SPG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 4
2 of 15
MARCH 2008
www.diodes.com
© Diodes Incorporated
Pin Assignments
( Top View )
FB
EN
IN
GND
OUT
PG
1
2
5
VCC
IN
3
4
6
8
7
10
9
SS
OUT
DFN3030-10
SOP-8L-EP
SS
VCC
EN
IN
FB
GND
OUT
( Top View )
1
2
3
4
8
7
6
5
PG
Pin Descriptions
PIN #
Pin
Name
SOP-8L-EP
DFN3030-10
Description
IN
1
1, 2
Power Input pin.
PG
2
3
Power-Good pin, open-drain output. When the VOUT is below the
PG threshold the PG pin is driven low; when the VOUT exceeds the
threshold, the PG pin goes into a high-impedance state. To use the
PG pin, use a 10k
Ω to 1MΩ pull-up resistor to pull it up to a supply of
up to 5.5V, which can be higher than the input voltage.
VCC
3
4
Bias Input pin, provides input voltage for internal control circuitry.
This voltage should be higher than the VIN.
EN
4
5
Enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables the regulator, while pulling it
low puts the regulator into shutdown mode.
GND
5
6
Ground.
SS
6
7
Soft-Start pin. Connect a capacitor between this pin and the ground
to set the soft-start ramp time of the output voltage. If no capacitor is
connected, the soft-start time is typically 100µS.
FB
7
8
Feedback pin. Connect this pin to an external voltage divider to set
the output voltage.
OUT
8
9, 10
Regulated Output pin.
Thermal Pad
Solder this pad to large ground plane for increased thermal
performance.


Similar Part No. - AP7173-SPG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173-SPG-13 DIODES-AP7173-SPG-13 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results

Similar Description - AP7173-SPG-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com