Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184K5L-U Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1184K5L-U
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K5L-U Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1184K5L-U Datasheet HTML 1Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 2Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 3Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 4Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 5Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 6Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 7Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 8Page - Diodes Incorporated AP1184K5L-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 4
4 of 12
MARCH 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
( Under Operating Conditions )
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and Tj = 0 to 150
oC. Typical value refer to TA = 25oC.
Vout = Vsense
Sym.
Parameter
Test Condition
Min.
Typ.
Max. Unit
VREF Reference Voltage
AP1184-Adj
Io =10mA, TA = 25
oC, (V
in-Vout) = 0.7V,
Vctrl = VIN+1V
1.225 1.250
1.275
V
Line Regulation
AP1184-XXX
IO = 10mA, VOUT+0.7V<VIN<12V, TA = 25
oC
Vctrl = VIN+1V
0.2
%
AP1184-1.5
IOUT = 10mA, TA = 25
oC, 2.2V V
IN
12V
Vctrl = VIN+1V
1.470 1.500
1.530
V
AP1184-1.8
IOUT = 10mA, TA = 25
oC, 2.5V V
IN
12V
Vctrl = VIN+1V
1.764 1.800
1.836
V
AP1184-2.5
IOUT = 10mA, TA = 25
oC, 3.2V V
IN
12V
Vctrl = VIN+1V
2.450 2.500
2.550
V
AP1184-3.3
IOUT = 10mA, TA = 25
oC, 4.0V V
IN
12V
Vctrl = VIN+1V
3.235 3.300
3.365
V
Vout
Output Voltage
AP1184-5.0
IOUT = 10mA, TA = 25
oC, 5.7V V
IN
12V
Vctrl = VIN+1V
4.900 5.000
5.100
V
AP1184-Adj
0mA<Io<4A, TA= 25
oC
(VIN - VOUT) =2V ,Vctrl = VIN + 1V
1
%
AP1184-1.5
VIN = 3V, 0mA<Io<4A, TA = 25
oC
Vctrl = 4V
12
15
mV
AP1184-1.8
VIN = 3.3V, 0mA<Io<4A, TA = 25
oC
Vctrl = 4.3V
15
18
mV
AP1184-2.5
VIN = 4V, 0mA<Io<4A, TA = 25
oC
Vctrl = 5V
20
25
mV
AP1184-3.3
VIN = 5V, 0mA<Io<4A, TA = 25
oC
Vctrl = 6V
26
33
mV
Load
Regulation
AP1184-5.0
VIN = 8V, 0mA<Io<4A, TA = 25
oC
Vctrl = 9V
40
50
mV
Dropout Voltage
(Vctrl –Vout)
Vadj = 0V for all conditions below.
Vin = 2.05V, Io = 1.5A
Vin = 2.05V, Io = 3A
Vin = 2.05V, Io = 4A
1.10
1.15
1.18
1.25
V
Dropout Voltage
(Vin – Vout)
Vadj = 0V for all conditions below.
Vctrl = 2.75V, Io = 1.5A
Vctrl = 2.75V, Io = 3A
Vctrl =2.75V, Io =4A
0.26
0.50
0.70
0.38
0.60
0.85
V
Current Limit
Vctrl = 2.75V, Vin = 2.05V, ΔVo = 100mV, Vadj = 0V
4.2
A
Minimum Load
Current
Vctrl = 5V, Vin = 3.3V, Vadj = 0V
5
10
mA
Thermal Regulation 30mS Pulse
0.01
0.02
%/W
Ripple Rejection
Vctrl = 5V, Vin = 5V, Io = 4A, Vadj = 0V, Tj = 25, Vripple =1Vpp
at 120Hz
60
70
dB
Control Pin Current
Vadj = 0V for all conditions below.
Vctrl = 2.75V, Vin = 2.05V, Io = 1.5A
Vctrl = 2.75V, Vin = 2.05V, Io = 3A
Vctrl = 2.75V, Vin = 2.05V, Io = 4A
6
30
33
25
60
70
mA


Similar Part No. - AP1184K5L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184K5L ANACHIP-AP1184K5L Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184K5LA ANACHIP-AP1184K5LA Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - AP1184K5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com