Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184K518L-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1184K518L-13
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K518L-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1184K518L-13 Datasheet HTML 1Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 2Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 3Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 4Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 5Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 6Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 7Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 8Page - Diodes Incorporated AP1184K518L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 4
2 of 12
MARCH 2008
www.diodes.com
© Diodes Incorporated
Pin Assignments
TO263-L
Tab is Vout
FRONT VIEW
3
2
1
Vout
Vsense
Adj(GND)
Vctrl
Vin
4
5
TO220-5L
Tab is Vout
FRONT VIEW
Vout
Vsense
Adj(GND)
Vctrl
Vin
5
2
1
4
3
Pin Numbers with standard type are for TO220-5L, TO263-5L packages.
Name
I/O
Description
Adj
(GND)
A resistor divider from this pin to the Vout pin and ground sets the output voltage. (GND
only for fixed mode)
Vsense
I
This pin is the positive side of the reference that allows remote load sensing to achieve
excellent load regulation. A minimum of 10uF capacitor must be connected from this pin
to ground to insure stability.
Vin
I
The input of the regulator. Typically a large storage capacitor is connected from this pin
to ground to insure that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be higher than Vout in
order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for the
pass transistor. This pin must always be higher than the Vout pin in order to regulate the
device. A minimum of 100uF capacitor must be connected from this pin to ground to
insure stability.
NC
No connection
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from this
pin to ground to insure stability.
Pin Descriptions


Similar Part No. - AP1184K518L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184K518L ANACHIP-AP1184K518L Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184K518LA ANACHIP-AP1184K518LA Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - AP1184K518L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com