Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP1511D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP1511D
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1511D Datasheet(HTML) 1 Page - STMicroelectronics

  LCP1511D Datasheet HTML 1Page - STMicroelectronics LCP1511D Datasheet HTML 2Page - STMicroelectronics LCP1511D Datasheet HTML 3Page - STMicroelectronics LCP1511D Datasheet HTML 4Page - STMicroelectronics LCP1511D Datasheet HTML 5Page - STMicroelectronics LCP1511D Datasheet HTML 6Page - STMicroelectronics LCP1511D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Application Specific Discretes
A.S.D.
LCP1511D
PROGRAMMABLE TRANSIENT VOLTAGE
SUPPRESSOR FOR SLIC PROTECTION
®
DUAL PROGRAMMABLE TRANSIENT SUP-
PRESSOR.
WIDE NEGATIVE FIRING VOLTAGE RANGE :
VMGL = -80V max.
LOW DYNAMIC SWITCHING VOLTAGES :
VFP and VDGL.
LOW GATE TRIGGERING CURRENT :
IGT = 5mA max.
PEAK PULSE CURRENT :
IPP = 30A for 10/1000
µs surge.
HOLDING CURRENT :
IH = 150mA.
FEATURES
SO8
This device has been especially designed to pro-
tect subscriber line card interfaces (SLIC) against
transient overvoltages.
Positive overloads are clipped with 2 diodes.
Negative surges are suppressed by 2 thyristors,
their breakdown voltage being referenced to
-VBAT through the gate.
This component presents a very low gate trigge-
ring current (IGT) in order to reduce the current con-
sumption on printed circuit board during the firing
phase.
A particular attention has been given to the internal
wire bonding. The ”4-point” configuration ensures
reliable protection, eliminating the overvoltage in-
troduced by the parasitic inductances of the wiring
(Ldi/dt), especially for very fast transients.
DESCRIPTION
February 1998
Ed: 3
SCHEMATIC DIAGRAM
GND
GND
TIP
TIP
RING
RING
1
2
3
45
6
7
8
GATE
NC
CCITT K20 :
10/700
µs
1kV
5/310
µs
25A
VDE 0433 :
10/700
µs
2kV
5/310
µs
38A (*)
VDE 0878 :
1.2/50
µs
1.5kV
1/20
µs
40A
I3124 :
0.5/700
µs
1kV
0.2/310
µs
25A
FCC part 68 :
2/10
µs
2.5kV
2/10
µs
170A (*)
BELLCORE
TR-NWT-001089 : 2/10
µs
2.5kV
2/10
µs
170A (*)
(*) with series resistors or PTC.
COMPLIESWITH THE FOLLOWINGSTANDARDS :
TM: ASD is trademarks of SGS-THOMSON Microelectronics.
1/7


Similar Part No. - LCP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
166Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results

Similar Description - LCP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
   Programmable transient voltage suppressor for SLIC protection
September 2015 Rev 1
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
   Programmable transient voltage suppressor for SLIC protection
August 2013 Rev 5
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
   Programmable transient voltage suppressor for SLIC protection
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com