Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2961 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCMS-2961
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2961 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCMS-2961 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCMS-2961 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
right-most characters. The Dot
Registers are connected in series
to form a 320-bit dot shift
register. The location of pixel 0
has not changed. However, Dot
Shift Register bit 0 of IC2
becomes bit 160 of the 320-bit
dot shift register.
The Control Registers of the two
ICs are independent of each
other. This means that to adjust
the display brightness the same
control word must be entered into
both ICs, unless the Control
Registers are set to simultaneous
mode.
Longer character string systems
can be built by cascading multiple
displays together. This is
accomplished by creating a five
line bus. This bus consists of CE,
RS, BL, Reset, and CLK. The
display pins are connected to the
corresponding bus line. Thus, all
CE pins are connected to the CE
bus line. Similarly, bus lines for
RS, BL, Reset, and CLK are
created. Then D
IN is connected to
the right-most display. D
OUT from
this display is connected to the
next display. The left-most display
receives its D
IN from the DOUT of
the display to its right. D
OUT from
the left-most display is not used.
Each display may be set to use its
internal oscillator, or the displays
may be synchronized by setting
up one display as the master and
the others as slaves. The slaves
are set to receive their oscillator
input from the master’s oscillator
output.
Sleep mode (Control Word 0, bit
D
6 = Low) turns off the Internal
Display Oscillator and the LED
pixel drivers. This mode is used
when the IC needs to be powered
up, but does not need to be
active. Current draw in sleep
mode is nearly zero. Data in the
Dot Register and Control Words
are retained during sleep mode.
Control Word 1
Loading the Control Register with
D
7 = logic high selects Control
Word 1. This Control Word
performs two functions: serial/
simultaneous data out mode and
external oscillator prescale select
(see Table 2).
Serial/Simultaneous Data
Output D
0
Bit D
0 of control word 1 is used to
switch the mode of D
OUT between
serial and simultaneous data entry
during Control Register writes.
The default mode (logic low) is
the serial D
OUT mode. In serial
mode, D
OUT is connected to the
last bit (D
7) of the Control Shift
Register.
Storing a logic high to bit D
0
changes D
OUT to simultaneous
mode which affects the Control
Register only. In simultaneous
mode, D
OUT is logically connected
to D
IN. This arrangement allows
multiple ICs to have their Control
Registers written to simul-
taneously. For example, for N ICs
in the serial mode, N * 8 clock
pulses are needed to load the
same data in all Control Registers.
In the simultaneous mode, N ICs
only need 8 clock pulses to load
the same data in all Control
Registers. The propagation delay
from the first IC to the last is
N* t
DOUTP.
External Oscillator
Prescaler Bit D
1
Bit D
1 of Control Word 1 is used
to scale the frequency of an
external Display Oscillator. When
this bit is logic low, the external
Display Oscillator directly sets the
internal display clock rate. When
this bit is a logic high, the
external oscillator is divided by 8.
This scaled frequency then sets
the internal display clock rate. It
takes 512 cycles of the display
clock (or 8 x 512 = 4096 cycles
of an external clock with the
divide by 8 prescaler) to com-
pletely refresh the display once.
Using the prescaler bit allows the
designer to use a higher external
oscillator frequency without extra
circuitry.
This bit has no affect on the
internal Display Oscillator
Frequency.
Bits D
2-D6
These bits must always be pro-
grammed to logic low.
Cascaded ICs
Figure 3 shows how two ICs are
connected within an HCMS-29XX
display. The first IC controls the
four left-most characters and the
second IC controls the four


Similar Part No. - HCMS-2961

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2961 HP-HCMS-2961 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2961 AVAGO-HCMS-2961 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-2961 AVAGO-HCMS-2961 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2961 BOARDCOM-HCMS-2961 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2961

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com