Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4017M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4017M
Description  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4017M Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HC4017M Datasheet HTML 7Page - Texas Instruments CD74HC4017M Datasheet HTML 8Page - Texas Instruments CD74HC4017M Datasheet HTML 9Page - Texas Instruments CD74HC4017M Datasheet HTML 10Page - Texas Instruments CD74HC4017M Datasheet HTML 11Page - Texas Instruments CD74HC4017M Datasheet HTML 12Page - Texas Instruments CD74HC4017M Datasheet HTML 13Page - Texas Instruments CD74HC4017M Datasheet HTML 14Page - Texas Instruments CD74HC4017M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD74HC4017M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4017M TI-CD74HC4017M Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017M TI-CD74HC4017M Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017M96 TI-CD74HC4017M96 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017M96 TI-CD74HC4017M96 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017M96E4 TI-CD74HC4017M96E4 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
More results

Similar Description - CD74HC4017M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017_07 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com