Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT101P Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPT101P
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT101P Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPT101P Datasheet HTML 5Page - Burr-Brown (TI) OPT101P Datasheet HTML 6Page - Burr-Brown (TI) OPT101P Datasheet HTML 7Page - Burr-Brown (TI) OPT101P Datasheet HTML 8Page - Burr-Brown (TI) OPT101P Datasheet HTML 9Page - Burr-Brown (TI) OPT101P Datasheet HTML 10Page - Burr-Brown (TI) OPT101P Datasheet HTML 11Page - Burr-Brown (TI) OPT101P Datasheet HTML 12Page - Burr-Brown (TI) OPT101P Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OPT101
9
SBBS002A
www.ti.com
This capacitor eliminates gain peaking and prevents
instability. The value of CEXT can be determined from the
table in Figure 4. Values of RF, other than shown in the table,
can be interpolated.
(a)-Series REXT
(b)-External Feedback
REXT
CEXT
DC Gain
Bandwidth
(M
Ω)
(pF)
(x106V/A)
(kHz)
150
2
8
225
3
6
5
10
6
2.5
10
5
11
1.3
50
51
0.33
REXT
CEXT
DC Gain
Bandwidth
(M
Ω)
(pF)
(x106V/A)
(kHz)
0.05(1)
56
0.05
58
0.1(1)
33
0.1
44
1
123
2
2
9.4
5
5
3.6
10
10
1.8
50
50
0.34
Note: (1) May require 1k
Ω in series with pin 5 when driving
large capacitances.
FIGURE 4. Changing Responsivity with External Resistor.
FIGURE 3. Dark Error (Offset) Adjustment Circuit.
CHANGING RESPONSIVITY
An external resistor, REXT, can be connected to set a different
voltage responsivity. To increase the responsivity, this resistor
can be placed in series with the internal 1M
Ω (Figure 4a), or
the external resistor can replace the internal resistor by not
connecting pin 4 (Figure 4b). The second configuration also
allows the circuit gain to be reduced below 106V/A by using
external resistors of less than 1M
Ω.
Figure 4 includes tables showing the responsivity and
bandwidth. For values of RF less than 1MΩ, an external
capacitor, CEXT should be connected in parallel with RF.
DARK ERRORS
The dark errors in the specification table include all sources.
The dominant source of dark output voltage is the “pedestal”
voltage applied to the non-inverting input of the op amp.
This voltage is introduced to provide linear operation in the
absence of light falling on the photodiode. Photodiode dark
current is approximately 2.5pA and contributes virtually no
offset error at room temperature. The bias current of the op
amp's summing junction (– input) is approximately 165pA.
The dark current will be subtracted from the amplifier's bias
current, and this residual current will flow through the
feedback resistor creating an offset. The effects of temperature
on this difference current can be seen in the typical
performance curve “(IBIAS – IDARK) vs Temperature.” The
dark output voltage can be trimmed to zero with the optional
circuit shown in Figure 3. A low impedance offset driver (op
amp) should be used to drive pin 8 because this node has
signal-dependent currents.
+15V
–15V
–15V
OPA177
1M
OPT101
3pF
2
5
4
V
S
λ
3
8
V
B
8pF
1
Common
–V
R
1
500k
1/2 REF200
100
µA
V
O
Adjust R
1
for V
O = 0V
with no light.
1M
OPT101
3pF
2
5
4
V
S
λ
3
8
V
B
8pF
1
R
EXT
C
EXT
1M
OPT101
3pF
2
5
4
V
S
λ
3
8
V
B
8pF
1
R
EXT
C
EXT


Similar Part No. - OPT101P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101P BURR-BROWN-OPT101P Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101P TI-OPT101P Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-J TI-OPT101P-J Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101P-JG4 TI-OPT101P-JG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - OPT101P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101 Datasheet
165Kb / 11P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
OPT101PG4 TI-OPT101PG4 Datasheet
384Kb / 15P
[Old version datasheet]   MONOLITHIC PHOTODIODE ANDSINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Burr-Brown (TI)
OPT210 BURR-BROWN-OPT210 Datasheet
118Kb / 8P
   MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com