Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4316PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4316PW
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4316PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4316PW Datasheet HTML 2Page - Texas Instruments CD74HC4316PW Datasheet HTML 3Page - Texas Instruments CD74HC4316PW Datasheet HTML 4Page - Texas Instruments CD74HC4316PW Datasheet HTML 5Page - Texas Instruments CD74HC4316PW Datasheet HTML 6Page - Texas Instruments CD74HC4316PW Datasheet HTML 7Page - Texas Instruments CD74HC4316PW Datasheet HTML 8Page - Texas Instruments CD74HC4316PW Datasheet HTML 9Page - Texas Instruments CD74HC4316PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Turn “OFF” Time nS to Out
tPLZ, tPHZ
CL = 50pF
0
2
-
-
175
-
220
-
265
ns
0
4.5
-
-
35
-
44
-
53
ns
0
6
-
-
30
-
37
-
45
ns
-4.5
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
-
5
-
14
-----
ns
Input (Control) Capacitance
CI
-
----
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
-
5
-
42
-----
pF
HCT TYPES
Propagation Delay,
Switch In to Switch Out
tPLH, tPHL
CL = 50pF
0
4.5
-
-
12
-
15
-
18
ns
-4.5
4.5
-
-
8
-
10
-
12
ns
Turn “ON” Time E to Out
tPZH
CL = 50pF
0
4.5
-
-
44
-
55
-
66
ns
-4.5
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
-
5
-
18
-----
ns
tPZL
CL = 50pF
0
4.5
-
-
56
-
70
-
85
ns
-4.5
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
-
5
-
24
-----
ns
Turn “ON” Time nS to Out
tPZH
CL = 50pF
0
4.5
-
-
40
-
53
-
60
ns
-4.5
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
-
5
-
17
-----
ns
tPZL
CL = 50pF
0
4.5
-
-
50
-
63
-
75
ns
-4.5
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
-
5
-
18
-----
ns
Turn “OFF” Time E to Out
tPLZ
CL = 50pF
0
4.5
-
-
50
-
63
-
75
ns
-4.5
4.5
-
-
46
-
58
-
69
ns
tPLZ, tPHZ
CL = 15pF
-
5
-
21
-----
ns
Turn “OFF” Time nS to Out
tPHZ
CL = 50pF
0
4.5
-
-
44
-
55
-
66
ns
-4.5
4.5
-
-
40
-
50
-
60
ns
tPLZ, tPHZ
CL = 15pF
-
5
-
18
-----
ns
Input (Control) Capacitance
CI
-
----
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
-
5
-
47
-----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + Σ (CL +CS)VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch
capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VEE
(V)
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Analog Channel Specifications TA = 25oC
PARAMETER
TEST
CONDITIONS
VCC (V)
HC4316
CD74HCT4316
UNITS
Switch Frequency Response Bandwidth at -3dB
(Figure 6)
Figure 9 (Notes 5, 6)
4.5
>200
>200
MHz
Crosstalk Between Any Two Switches (Figure 7)
Figure 8 (Notes 6, 7)
4.5
TBE
TBE
dB
CD54HC4316, CD74HC4316, CD74HCT4316
CD54HC4316, CD74HC4316, CD74HCT4316


Similar Part No. - CD74HC4316PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316PW TI-CD74HC4316PW Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PW TI-CD74HC4316PW Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PW TI-CD74HC4316PW Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PW TI1-CD74HC4316PW Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWE4 TI-CD74HC4316PWE4 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com