Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4075MTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC4075MTG4
Description  High-Speed CMOS Logic Triple 3-Input OR Gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4075MTG4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4075MTG4 Datasheet HTML 1Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 2Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 3Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 4Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 5Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 6Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 7Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 8Page - Texas Instruments CD74HC4075MTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS210G
Features
• Buffered Inputs
• Typical Propagation Delay: 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4075 and ’HCT4075 logic gates utilize silicon-gate
CMOS technology to achieve operating speeds similar to
LSTTL gates with the low power consumption of standard
CMOS integrated circuits. All devices have the ability to drive
10 LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4075F3A
-55 to 125
14 Ld CERDIP
CD54HC4075FK
-55 to 125
20 LCCC
CD54HCT4075F3A
-55 to 125
14 Ld CERDIP
CD74HC4075E
-55 to 125
14 Ld PDIP
CD74HC4075M
-55 to 125
14 Ld SOIC
CD74HC4075MT
-55 to 125
14 Ld SOIC
CD74HC4075M96
-55 to 125
14 Ld SOIC
CD74HC4075NSR
-55 to 125
14 Ld SOP
CD74HC4075PW
-55 to 125
14 Ld TSSOP
CD74HC4075PWR
-55 to 125
14 Ld TSSOP
CD74HC4075PWT
-55 to 125
14 Ld TSSOP
CD74HCT4075E
-55 to 125
14 Ld PDIP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
August 1997 - Revised June 2006
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2006, Texas Instruments Incorporated
CD54HC4075, CD74HC4075,
CD54HCT4075, CD74HCT4075
High-Speed CMOS Logic
Triple 3-Input OR Gate
[ /Title
(CD74H
C4075,
CD74H
CT4075)
/Subject
(High
Speed
CMOS
Logic
Triple 3-
Input


Similar Part No. - CD74HC4075MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4075MTG4 TI-CD74HC4075MTG4 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
More results

Similar Description - CD74HC4075MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD74HC4075 TI-CD74HC4075 Datasheet
379Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input OR Gate
CD54HC4075 TI-CD54HC4075_07 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC11 TI-CD54HC11_08 Datasheet
440Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com