Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWT-RL02 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # HPWT-RL02
Description  Lead-Free SuperFlux LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-RL02 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  HPWT-RL02 Datasheet HTML 1Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 2Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 3Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 4Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 5Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 6Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 7Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 8Page - Lumileds Lighting Company HPWT-RL02 Datasheet HTML 9Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LeadFree SuperFlux LEDs Datasheet DS55 (10/06)
3
Optical Characteristics at
T
A = 25°C, IF = 70 mA,
RθθJA = 200°C/W
Table 3
T
To
otta
all
L
Lu
um
miin
no
ou
us
s
P
Pe
ea
ak
k
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
IIn
ntte
en
ns
siitty
y//
V
Viie
ew
wiin
ng
g
W
Wa
av
ve
elle
en
ng
gtth
h
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e
θθ
0
0..9
90
0 V
V
T
To
otta
all F
Fllu
ux
x
A
An
ng
glle
e 2
2
θθ11//22
D
De
ev
viic
ce
e
λλppeeaakk ((nnm
m))
λλddoom
m((n
nm
m))[[11]]
((D
De
eg
grre
ee
es
s))[[22]]
II
v
v((c
cd
d))//
Φ
Φ
v
v((llm
m))
((D
De
eg
grre
ee
es
s))
T
Ty
yp
pe
e
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
HPWAMH02
624
618
95
0.6
90
HPWADH02
75
0.9
60
HPWTRD02
44 X 88
1.25
25 x 68
HPWTMD02
640
630
100
0.6
70
HPWTDD02
70
1.5
40
HPWTBD02
50
2.0
30
HPWTRH02
44 X 88
1.25
25 x 68
HPWTMH02
626
620
100
0.6
70
HPWTDH02
70
1.5
40
HPWTBH02
50
2.0
30
HPWTRL02
44 X 88
1.25
25 x 68
HPWTML02
596
594
100
0.6
70
HPWTDL02
70
1.5
40
HPWTBL02
50
2.0
30
Notes:
1. The dominant wavelength is derived from the CIE
Chromaticity Diagram and represents the perceived color
of the device.
2.
θ
0.90 V is the included angle at which 90% of the total lumi
nous flux is captured.
Electrical Characteristics at T
A=25°C
Table 4
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e
R
Re
ev
ve
errs
se
e
V
V
F
F ((V
Vo
olltts
s))
B
Brre
ea
ak
kd
do
ow
wn
n
C
Ca
ap
pa
ac
ciitta
an
nc
ce
e
T
Th
he
errm
ma
all
@
@
V
V
R
R ((V
Vo
olltts
s))[[11]]
C
C ((p
pF
F))
R
Re
es
siis
stta
an
nc
ce
e
S
Sp
pe
ee
ed
d o
off
II
F
F =
= 7
70
0m
mA
A ((H
HP
PW
WA
A,,
@
@ II
R
R =
= 1
10
00
0
V
V
F
F =
= 0
0,,
R
R
θθ
J
J P
PIIN
N
R
Re
es
sp
po
on
ns
se
e
H
HP
PW
WT
T))
μμAA
F
F =
= 1
1M
MH
Hz
z..
((°°C
C//W
W))
τ
s
s ((n
ns
s)) [[22]]
D
De
ev
viic
ce
e
T
Ty
yp
pe
e
M
Miin
n
T
Ty
yp
p
M
Ma
ax
x
M
Miin
n
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
HPWAxH02
1.83
2.2
2.67
10
20
40
155
20
HPWTxD02
2.19
2.6
3.03
10
20
40
125
20
HPWTxH02
2.19
2.6
3.03
10
20
40
125
20
HPWTxL02
2.19
2.6
3.15
10
20
40
125
20
Notes:
1. Operation in reverse bias is not recommended.
2.
τs is the time constant, e t/τs.


Similar Part No. - HPWT-RL02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RL02-00000 ETC2-HPWT-RL02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RL02-C4000 ETC2-HPWT-RL02-C4000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RL02-D4000 ETC2-HPWT-RL02-D4000 Datasheet
1Mb / 17P
   SuperFlux LEDs
More results

Similar Description - HPWT-RL02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com