Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1888JST Datasheet(PDF) 10 Page - Analog Devices

Part # AD1888JST
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888JST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1888JST Datasheet HTML 6Page - Analog Devices AD1888JST Datasheet HTML 7Page - Analog Devices AD1888JST Datasheet HTML 8Page - Analog Devices AD1888JST Datasheet HTML 9Page - Analog Devices AD1888JST Datasheet HTML 10Page - Analog Devices AD1888JST Datasheet HTML 11Page - Analog Devices AD1888JST Datasheet HTML 12Page - Analog Devices AD1888JST Datasheet HTML 13Page - Analog Devices AD1888JST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD1888
Rev. A | Page 10 of 32
Pin No.
Mnemonic
I/O
Function
23
LINE_IN_L
I
Line-In Left Channel.
24
LINE_IN_R
I
Line-In Right Channel.
31
CENTER_OUT
O
Center Channel Output.
32
LFE_OUT
O
Low Frequency Enhanced Output.
35
LINE_OUT_L
O
Line Out (Front) Left Channel.
36
LINE_OUT_R
O
Line Out (Front) Right Channel.
37
MONO_OUT
O
Monaural Output to Telephone Subsystem Speakerphone.
39
SURR_OUT_L/HP_OUT_L
O
Surround Front Headphone Left Channel Output.
41
SURR_OUT_R/HP_OUT_R
O
Surround Front Headphone Right Channel Output.
FILTER/REFERENCE
27
VREF
O
Voltage Reference Filter.
28
VREFOUT
O
Voltage Reference Output 5 mA Drive (intended for MIC bias).
29
AFILT1
O
Antialiasing Filter Capacitor—ADC Right Channel.
30
AFILT2
O
Antialiasing Filter Capacitor—ADC Left Channel.
POWER AND GROUND SIGNALS
1
DVDD1
I
Digital VDD 3.3 V.
4
DVSS1
I
Digital GND.
7
DVSS2
I
Digital GND.
9
DVDD2
I
Digital VDD 3.3 V.
25
AVDD1
I
Analog VDD 5.0 V.
26
AVSS1
I
Analog GND.
33
AVSS4
I
Analog GND.
34
AVDD4
I
Analog VDD 5.0 V.
38
AVDD2
I
Analog VDD 5.0 V.
40
AVSS2
I
Analog GND.
43
AVDD3
I
Analog VDD 5.0 V.
44
AVSS3
I
Analog GND.
NO CONNECTS
12
NC
No Connect.
42
NC
No Connect.


Similar Part No. - AD1888JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888JST AD-AD1888JST Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JST-REEL AD-AD1888JST-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JSTZ AD-AD1888JSTZ Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JSTZ-REEL AD-AD1888JSTZ-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1888JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com