Electronic Components Datasheet Search |
|
AD7357BRUZ Datasheet(PDF) 4 Page - Analog Devices |
|
AD7357BRUZ Datasheet(HTML) 4 Page - Analog Devices |
4 / 17 page AD7357 Preliminary Technical Data Rev. PrD | Page 4 of 17 Parameter Specification Unit Test Conditions/Comments LOGIC OUTPUTS Output High Voltage, VOH Vdrive-0.2 V min Output Low Voltage, VOL 0.2 V max Floating-State Leakage Current ±1 µA max Floating-State Output Capacitance TBD pF typ Output Coding Straight Binary CONVERSION RATE Conversion Time t2 + 15.5 × tSCLK ns Track-and-Hold Acquisition Time 30 ns max Full-scale step input Throughput Rate 4.25 MSPS max POWER REQUIREMENTS VDD 2.5 V VDRIVE 2.5/3.3 V min/max IDD Digital I⁄PS = 0 V or VDRIVE Normal Mode (Operational) 14 mA typ Normal Mode (Static) 7 mA typ SCLK off Partial Power-Down Mode 5 mA typ Full Power-Down Mode 10 µA typ SCLK on or off Power Dissipation Normal Mode (Operational) 35 mW typ Normal Mode (Static) 17.5 mW typ SCLK off Partial Power-Down Mode 12.5 mW typ Full Power-Down Mode 2.5 µW typ SCLK on or off 1 Temperature ranges are as follows: Y Grade: −40°C to +125°C, B Grade: −40°C to +85°C. 2 See theTerminology section. |
Similar Part No. - AD7357BRUZ |
|
Similar Description - AD7357BRUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |