Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1888JCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1888JCPZ
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888JCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD1888JCPZ Datasheet HTML 1Page - Analog Devices AD1888JCPZ Datasheet HTML 2Page - Analog Devices AD1888JCPZ Datasheet HTML 3Page - Analog Devices AD1888JCPZ Datasheet HTML 4Page - Analog Devices AD1888JCPZ Datasheet HTML 5Page - Analog Devices AD1888JCPZ Datasheet HTML 6Page - Analog Devices AD1888JCPZ Datasheet HTML 7Page - Analog Devices AD1888JCPZ Datasheet HTML 8Page - Analog Devices AD1888JCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AC ’97 SoundMAX® Codec
AD1888
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However,
no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent
or patent rights of Analog Devices.Trademarks and registered trademarks are the property
oftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
AC ’97 2.3 compatible features
6 DAC channels for 5.1 surround
90 dB dynamic range
20-bit PCM DACs
S/PDIF output
Integrated stereo headphone amplifiers
Phone, aux, and line-in
High quality CD input
Selectable MIC input
Mono output
External amplifier power-down control
Double rate audio (fS = 96 kHz)
Power-management modes
48-lead LQFP and 48-lead LFCSP
ENHANCED FEATURES
Selectable front and rear MIC inputs with preamp
Integrated PLL for system clocking
Crystal-free operation
Variable sample rate 7 kHz to 96 kHz
Jack sense (auto topology switching)
Software-controlled VREF_OUT for MIC bias
Software enabled outputs for jack sharing
Auto down-mix and channel spreading modes
FUNCTIONAL BLOCK DIAGRAM
ID0
ID1
RESET
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
SPDIF_OUT
EAPD
JS0
JS1
VREF
VREFOUT
AC '97
CONTROL
REGISTERS
DAC
SLOT
LOGIC
G = GAIN
A = ATTENUATION
M=MUTE
Z= HIGH-Z
M
A
MONO_OUT
M
GA
M
16-BIT
Σ-Δ
ADC
G
M
G
M
M
M
M
M
M
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
ADC
SLOT
LOGIC
PLL
SPDIF
TX
EAPD
JACK
SENSE
LOGIC
VOLTAGE
REFERENCE
M
A
SURR_L/
HP_OUT_L
HP
M
A
SURR_R/
HP_OUT_R
HP
MZ
A
LFE_OUT
MZ
A
CENTER_OUT
MZ
A
LINE_OUT_R
MZ
A
LINE_OUT_L
16-BIT
Σ-Δ
ADC
PHONE_IN
CD_L
CD_R
AUX_L
AUX_R
LINE_IN_L
LINE_IN_R
MIC1
MIC2
XTAL_IN
AD1888
XTAL_OUT
20-BIT
Σ-Δ
DAC
20-BIT
Σ-Δ
DAC
20-BIT
Σ-Δ
DAC
20-BIT
Σ-Δ
DAC
20-BIT
Σ-Δ
DAC
20-BIT
Σ-Δ
DAC
M
GA
G
DIFF
AMP
Figure 1.


Similar Part No. - AD1888JCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888JCP AD-AD1888JCP Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JCP-REEL AD-AD1888JCP-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1888JCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com