Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT390MTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74HCT390MTE4
Description  High-Speed CMOS Logic Dual Decade Ripple Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT390MTE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HCT390MTE4 Datasheet HTML 1Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 2Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 3Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 4Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 5Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 6Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 7Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 8Page - Texas Instruments CD74HCT390MTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Functional Diagram
4 (12)
5 (11)
7 (9)
nQ3
nQ1
nCP1
÷ 5
nCP0
2 (14)
1 (15)
3 (13)
nQ0
nMR
÷ 2
COUNTER
COUNTER
6 (10)
nQ2
GND = 8
VCC = 16
TRUTH TABLE
INPUTS
ACTION
CP
MR
L
No Change
L
Count
X
H
All Qs Low
H = High Voltage Level, L = Low Voltage Level, X = Don’t Care,
↑ = Transition from Low to High Level, ↓ = Transition from High to Low.
BCD COUNT SEQUENCE FOR 1/2 THE 390
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0LLLL
1
H
LLL
2L
H
L
L
3H
HL
L
4LL
H
L
5HLHL
6L
H
H
L
7
HHH
L
8LLL
H
9HL
L
H
Output nQ0 connected to nCP1 with counter input on nCP0.
B-QUINARY COUNT SEQUENCE FOR 1/2 THE 390
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0LLLL
1L
H
L
L
2LL
H
L
3L
H
H
L
4LLL
H
5
H
LLL
6
HHH
L
7HLHL
8
HHH
L
9HL
L
H
Output nQ3 connected to nCP0 with counter input on nCP1.
CD74HC390, CD54HCT390, CD74HCT390


Similar Part No. - CD74HCT390MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT390MTE4 TI-CD74HCT390MTE4 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HCT390MTE4 TI-CD74HCT390MTE4 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
More results

Similar Description - CD74HCT390MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_06 Datasheet
202Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Ripple Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com