Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG1111C Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # BG1111C
Description  Flat Lens Type 1.6X0.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BG1111C Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  BG1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BG1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
-10
10
30
50
70
90
80
70
60
50
40
30
20
10
0
-30
10
20
30
40
50
60
-10
10
30
50
70
90
0
70
-30
DC
Duty 5%
Duty 10%
Duty 20%
Duty 50%
1
1.5
2
2.5
3
10
1
2.4
1
10
2
10
3
10
4
10
5
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
10
15
20
25
5
500
0
0.2
0.4
0.6
0.8
1.0
600
550
650
1.0
1.5
2.0
2.5
3.0
100
20
10
2
1
0.2
0.1
30
0.5
5
50
10
5
2
1
0.5
0.2
0.1
-10
10
30
50
70
90
-30
IF=20mA
Ta=25˚C
IF=20mA
Ta=25˚C
Ta=25˚C
Ta=25˚C
f
_50Hz
tw
_1ms
BG1111C
SURFACE MOUNT LED
■ Power Dissipation vs. Ambient Temperature
■ Ambient Temperature vs. Maximum Forward Current
■ Pulse Duration vs.Maximum Tolerable Peak Current
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Pulse Duration
Wave Length
λ(nm)
■ Spectral Distribution
■ Forward Voltage vs. Forward Current
■ Forward Current vs. Relative Intensity
■ Ambient Temperature vs. Relative Intensity
Forward Voltage VF (V)
Forward Current IF (mA)
Ambient Temperature Ta(˚C)


Similar Part No. - BG1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
More results

Similar Description - BG1111C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDW47-66-60-120 ETC2-LEDW47-66-60-120 Datasheet
75Kb / 1P
   Flat Lens Type White Color Light Illuminato
logo
STANLEY ELECTRIC CO.,LT...
BR1101W STANLEY-BR1101W Datasheet
162Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
P-tec Corporation
PL70-WDG13 P-TEC-PL70-WDG13 Datasheet
72Kb / 1P
   Flat Top 3mm Lens
PL70-WDR24 P-TEC-PL70-WDR24 Datasheet
72Kb / 1P
   Flat Top 3mm Lens
logo
Sanken electric
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
logo
HB Electronic Component...
PLCC2835-W3-1W HB-PLCC2835-W3-1W Datasheet
965Kb / 8P
   Lens Type
PLCC6-0.5W-W3 HB-PLCC6-0.5W-W3 Datasheet
1Mb / 12P
   Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
   Lens Type
logo
Sanken electric
SEC1001 SANKEN-SEC1001 Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com