Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K200E Datasheet(PDF) 60 Page - Altera Corporation

Part # EPF10K200E
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K200E Datasheet(HTML) 60 Page - Altera Corporation

Back Button EPF10K200E Datasheet HTML 56Page - Altera Corporation EPF10K200E Datasheet HTML 57Page - Altera Corporation EPF10K200E Datasheet HTML 58Page - Altera Corporation EPF10K200E Datasheet HTML 59Page - Altera Corporation EPF10K200E Datasheet HTML 60Page - Altera Corporation EPF10K200E Datasheet HTML 61Page - Altera Corporation EPF10K200E Datasheet HTML 62Page - Altera Corporation EPF10K200E Datasheet HTML 63Page - Altera Corporation EPF10K200E Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Table 28. Interconnect Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tDIN2IOE
Delay from dedicated input pin to IOE control input
(7)
tDIN2LE
Delay from dedicated input pin to LE or EAB control input
(7)
tDCLK2IOE
Delay from dedicated clock pin to IOE clock
(7)
tDCLK2LE
Delay from dedicated clock pin to LE or EAB clock
(7)
tDIN2DATA
Delay from dedicated input or clock to LE or EAB data
(7)
tSAMELAB
Routing delay for an LE driving another LE in the same LAB
tSAMEROW
Routing delay for a row IOE, LE, or EAB driving a row IOE, LE, or EAB in the
same row
(7)
tSAMECOLUMN
Routing delay for an LE driving an IOE in the same column
(7)
tDIFFROW
Routing delay for a column IOE, LE, or EAB driving an LE or EAB in a different
row
(7)
tTWOROWS
Routing delay for a row IOE or EAB driving an LE or EAB in a different row
(7)
tLEPERIPH
Routing delay for an LE driving a control signal of an IOE via the peripheral
control bus
(7)
tLABCARRY
Routing delay for the carry-out signal of an LE driving the carry-in signal of a
different LE in a different LAB
tLABCASC
Routing delay for the cascade-out signal of an LE driving the cascade-in
signal of a different LE in a different LAB
Table 29. External Timing Parameters
Symbol
Parameter
Conditions
tDRR
Register-to-register delay via four LEs, three row interconnects, and four local
interconnects
(8)
tINSU
Setup time with global clock at IOE register
(9)
tINH
Hold time with global clock at IOE register
(9)
tOUTCO
Clock-to-output delay with global clock at IOE register
(9)
tPCISU
Setup time with global clock for registers used in PCI designs
(9)
,(10)
tPCIH
Hold time with global clock for registers used in PCI designs
(9),(10)
tPCICO
Clock-to-output delay with global clock for registers used in PCI designs
(9)
,(10)


Similar Part No. - EPF10K200E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K200E ALTERA-EPF10K200E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K200E ALTERA-EPF10K200E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K200E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com