Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K200E Datasheet(PDF) 95 Page - Altera Corporation

Part # EPF10K200E
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K200E Datasheet(HTML) 95 Page - Altera Corporation

Back Button EPF10K200E Datasheet HTML 91Page - Altera Corporation EPF10K200E Datasheet HTML 92Page - Altera Corporation EPF10K200E Datasheet HTML 93Page - Altera Corporation EPF10K200E Datasheet HTML 94Page - Altera Corporation EPF10K200E Datasheet HTML 95Page - Altera Corporation EPF10K200E Datasheet HTML 96Page - Altera Corporation EPF10K200E Datasheet HTML 97Page - Altera Corporation EPF10K200E Datasheet HTML 98Page - Altera Corporation EPF10K200E Datasheet HTML 99Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
Altera Corporation
95
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
To better reflect actual designs, the power model (and the constant K in
the power calculation equations) for continuous interconnect FLEX
devices assumes that LEs drive FastTrack Interconnect channels. In
contrast, the power model of segmented FPGAs assumes that all LEs drive
only one short interconnect segment. This assumption may lead to
inaccurate results when compared to measured power consumption for
actual designs in segmented FPGAs.
Figure 31 shows the relationship between the current and operating
frequency of FLEX 10KE devices.
Figure 31. FLEX 10KE ICCACTIVE vs. Operating Frequency (Part 1 of 2)
0
Frequency (MHz)
ICC Supply
Current (mA)
100
80
60
40
20
50
100
EPF10K30E
0
Frequency (MHz)
ICC Supply
Current (mA)
200
150
100
50
50
100
EPF10K50S
0
Frequency (MHz)
300
200
100
50
100
EPF10K100E
ICC Supply
Current (mA)
0
Frequency (MHz)
ICC Supply
Current (mA)
200
150
100
50
50
100
EPF10K50E


Similar Part No. - EPF10K200E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K200E ALTERA-EPF10K200E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K200E ALTERA-EPF10K200E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K200E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com