Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A12C500A Datasheet(PDF) 6 Page - Vicor Corporation

Part # V48A12C500A
Description  300Vin / 3.3Vout / 264Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A12C500A Datasheet(HTML) 6 Page - Vicor Corporation

  V48A12C500A Datasheet HTML 1Page - Vicor Corporation V48A12C500A Datasheet HTML 2Page - Vicor Corporation V48A12C500A Datasheet HTML 3Page - Vicor Corporation V48A12C500A Datasheet HTML 4Page - Vicor Corporation V48A12C500A Datasheet HTML 5Page - Vicor Corporation V48A12C500A Datasheet HTML 6Page - Vicor Corporation V48A12C500A Datasheet HTML 7Page - Vicor Corporation V48A12C500A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V300A3V3C264A DC-DC Converter
Rev. 5.2
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
+Out
+S
SC
–S
–Out
+Sense from
other modules
in the array
Figure 12—OR’ing diodes connections.
Module 2
Module 1
Module N+1
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
Load
+S
–S
+S
–S
+S
–S
Figure 11—N+1 module array output connections.
• The +Out and –Out power buses should be
designed to minimize and balance parasitic
impedance from each module output to the load.
• The +Sense pins should be tied to the same
point on the +Out power bus; the –Sense pins
should be tied to the same point on the –Out
power bus.
• At the discretion of the power system designer,
a subset of all modules within an array may be
configured as slaves by shorting SC to –S.
• OR’ing diodes may be inserted in series with
the +Out pins of each module to provide
module output fault tolerance.
Figure 9—DC coupled single-wire interface.
+In
PC
PR
–In
Module 2
(up to 12)
+In
PC
PR
–In
Module 1
Ground plane
+In
PC
PR
–In
Module 2
(up to 12)
+In
PC
PR
–In
Module 1
Ground plane
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.65" boards
S
Short ModuMate
SurfMate or in-board socket mounting
N
Long ModuMate
On-board socket mounting
* Pin style designator follows the “A” after the output power and precedes the baseplate designator.
Ex. V375A24C600AN — Long ModuMate Pins


Similar Part No. - V48A12C500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A12C500A VICOR-V48A12C500A Datasheet
192Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
194Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
194Kb / 8P
   48Vin / 24Vout / 500Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
More results

Similar Description - V48A12C500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A3V3C264B VICOR-V300A3V3C264B Datasheet
151Kb / 8P
   300Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24A3V3C264A VICOR-V24A3V3C264A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C264B VICOR-V48A3V3C264B Datasheet
150Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24A3V3C264B VICOR-V24A3V3C264B Datasheet
150Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V375A3V3C264B VICOR-V375A3V3C264B Datasheet
150Kb / 8P
   375Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C264A VICOR-V48A3V3C264A Datasheet
246Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V300B3V3C150B VICOR-V300B3V3C150B Datasheet
145Kb / 8P
   300Vin / 3.3Vout / 150Watts DC-DC Converter Module
V300C3V3C75B VICOR-V300C3V3C75B Datasheet
142Kb / 8P
   300Vin / 3.3Vout / 75Watts DC-DC Converter Module
V300A24C500B VICOR-V300A24C500B Datasheet
152Kb / 8P
   300Vin / 24Vout / 500Watts DC-DC Converter Module
V300B24C250B VICOR-V300B24C250B Datasheet
145Kb / 8P
   300Vin / 24Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com