Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF538F Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-BF538F
Description  Blackfin짰 Embedded Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF538F Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-BF538F Datasheet HTML 6Page - Analog Devices ADSP-BF538F Datasheet HTML 7Page - Analog Devices ADSP-BF538F Datasheet HTML 8Page - Analog Devices ADSP-BF538F Datasheet HTML 9Page - Analog Devices ADSP-BF538F Datasheet HTML 10Page - Analog Devices ADSP-BF538F Datasheet HTML 11Page - Analog Devices ADSP-BF538F Datasheet HTML 12Page - Analog Devices ADSP-BF538F Datasheet HTML 13Page - Analog Devices ADSP-BF538F Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Rev. 0
|
Page 10 of 56
|
May 2007
ADSP-BF538/ADSP-BF538F
WATCHDOG TIMER
The ADSP-BF538/ADSP-BF538F processors include a 32-bit
timer that can be used to implement a software watchdog func-
tion. A software watchdog can improve system availability by
forcing the processor to a known state through generation of a
hardware reset, nonmaskable interrupt (NMI), or general-pur-
pose interrupt, if the timer expires before being reset by
software. The programmer initializes the count value of the
timer, enables the appropriate interrupt, then enables the timer.
Thereafter, the software must reload the counter before it
counts to zero from the programmed value. This protects the
system from remaining in an unknown state where software,
which would normally reset the timer, has stopped running due
to an external noise condition or software error.
If configured to generate a hardware reset, the watchdog timer
resets both the core and the processor peripherals. After a reset,
software can determine if the watchdog was the source of the
hardware reset by interrogating a status bit in the watchdog
timer control register.
The timer is clocked by the system clock (SCLK), at a maximum
frequency of fSCLK.
TIMERS
There are four general-purpose programmable timer units in
the ADSP-BF538/ADSP-BF538F processors. Three timers have
an external pin that can be configured either as a pulse width
modulator (PWM) or timer output, as an input to clock the
timer, or as a mechanism for measuring pulse widths and peri-
ods of external events. These timers can be synchronized to an
external clock input to the PF1 pin (TACLK), an external clock
input to the PPI_CLK pin (TMRCLK), or to the internal SCLK.
The timer units can be used in conjunction with UART0 to
measure the width of the pulses in the data stream to provide an
auto-baud detect function for a serial channel.
The timers can generate interrupts to the processor core provid-
ing periodic events for synchronization, either to the system
clock or to a count of external signals.
In addition to the three general-purpose programmable timers,
a fourth timer is also provided. This extra timer is clocked by the
internal processor clock and is typically used as a system tick
clock for generation of operating system periodic interrupts.
SERIAL PORTS (SPORTs)
The ADSP-BF538/ADSP-BF538F processors incorporate four
dual-channel synchronous serial ports for serial and multipro-
cessor communications. The SPORTs support the following
features:
•I2S capable operation.
• Bidirectional operation – Each SPORT has two sets of inde-
pendent transmit and receive pins, enabling 16 channels of
I2S stereo audio.
• Buffered (8-deep) transmit and receive ports – Each port
has a data register for transferring data words to and from
other processor components and shift registers for shifting
data in and out of the data registers.
• Clocking – Each transmit and receive port can either use an
external serial clock or generate its own, in frequencies
ranging from (fSCLK/131,070) Hz to (fSCLK/2) Hz.
• Word length – Each SPORT supports serial data words
from 3 bits to 32 bits in length, transferred most significant
bit first or least significant bit first.
• Framing – Each transmit and receive port can run with or
without frame sync signals for each data word. Frame sync
signals can be generated internally or externally, active high
or low, and with either of two pulse widths and early or late
frame sync.
• Companding in hardware – Each SPORT can perform
A-law or μ-law companding according to ITU recommen-
dation G.711. Companding can be selected on the transmit
and/or receive channel of the SPORT without additional
latencies.
• DMA operations with single-cycle overhead – Each SPORT
can automatically receive and transmit multiple buffers of
memory data. The processor can link or chain sequences of
DMA transfers between a SPORT and memory.
• Interrupts – Each transmit and receive port generates an
interrupt upon completing the transfer of a data word or
after transferring an entire data buffer or buffers through
DMA.
• Multichannel capability – Each SPORT supports 128 chan-
nels out of a 1024 channel window and is compatible with
the H.100, H.110, MVIP-90, and HMVIP standards.
SERIAL PERIPHERAL INTERFACE (SPI) PORTS
The ADSP-BF538/ADSP-BF538F processors incorporate three
SPI compatible ports that enable the processor to communicate
with multiple SPI compatible devices.
The SPI interface uses three pins for transferring data: two data
pins (master output-slave input, MOSIx, and master input-slave
output, MISOx) and a clock pin (serial clock, SCKx). An SPI
chip select input pin (SPIxSS) lets other SPI devices select the
Figure 5. External Components for RTC
RTXO
C1
C2
X1
SUGGESTED COMPONENTS:
ECLIPTEK EC38J (THROUGH-HOLE PACKAGE)
EPSON MC405 12 pF LOAD (SURFACE MOUNT PACKAGE)
C1 = 22 pF
C2 = 22 pF
R1 = 10M OHM
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECIFICATIONS ASSUME BOARD TRACE CAPACITANCE OF 3 pF.
RTXI
R1


Similar Part No. - ADSP-BF538F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF538F AD-ADSP-BF538F Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
More results

Similar Description - ADSP-BF538F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531_07 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com