Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCC1-E6B Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VCC1-E6B
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC1-E6B Datasheet(HTML) 5 Page - Vectron International, Inc

  VCC1-E6B Datasheet HTML 1Page - Vectron International, Inc VCC1-E6B Datasheet HTML 2Page - Vectron International, Inc VCC1-E6B Datasheet HTML 3Page - Vectron International, Inc VCC1-E6B Datasheet HTML 4Page - Vectron International, Inc VCC1-E6B Datasheet HTML 5Page - Vectron International, Inc VCC1-E6B Datasheet HTML 6Page - Vectron International, Inc VCC1-E6B Datasheet HTML 7Page - Vectron International, Inc VCC1-E6B Datasheet HTML 8Page - Vectron International, Inc VCC1-E6B Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VCC1 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Table 4. Electrical Performance, 1.8V option
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
0.048
172.000
MHz
Operating Supply Voltage
1
VDD
1.71
1.8
1.89
V
Absolute Maximum Voltage
-0.5
3.6
V
Supply Current, Output Enabled
< 20 MHz
20.01 to 70 MHz
70.01 to 96 MHz
96.01 to 125 MHz
125.01 to 172 MHz
IDD
5
15
20
25
30
mA
Supply Current, Out disabled
IDD
30
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
Output Logic High Drive
Output Logic Low Drive
Output Logic High Drive
3
Output Logic Low Drive
3
VOH
VOL
IOH
IOL
IOH
IOL
0.9*VDD
2.8
2.8
8
8
0.1*VDD
V
V
mA
mA
mA
mA
Output Rise/Fall Time
2
< 1.00 MHz
1.000 to 20.00 MHz
20.01 to 50.00 MHz
50.01 to 90.00 MHz
90.01 to 172.00 MHz
tR/tF
200
4
4
3
2
ns
Duty Cycle
4 (ordering option)
SYM
45/55
%
Operating temperature (ordering option)
-10/70 or –40/85
°C
Storage Temperature
-55
125
°C
Stability
5 (ordering option)
±20, ±25, ±32, ±50, ±100
ppm
RMS Jitter, 12kHz to 20 MHz
0.5
ps
RMS Jitter
2.2
ps
Output Enable/Disable
6
Output Enabled
Output Disabled
1.26
0.5
V
Internal Enable Pull-Up resistor
6
1
Mohm
Start-up time
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 7 defines these parameters. Figure 8 illustrates the operating conditions under which parameters are tested/specified.
3. Overtone designs, output frequencies>35MHz.
4. Symmetry is measured defined as On Time/Period.
5. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
6. Output will be enabled if enable/disable is left open.
Figure 7. Output Waveform
Figure 8. Typical Output Test Conditions (25
±5°C)
80
%
Vs
20
%
t
F
t
R
Period
On Time
+
-
+
-
IC
VC
3
2
.1µF
.01
µF
15pF
4
1
IDD
VDD


Similar Part No. - VCC1-E6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-E6B-125M00 ETC1-VCC1-E6B-125M00 Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1-E6B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com