Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1211RCP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1211RCP
Description  ETHERNET TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1211RCP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK1211RCP Datasheet HTML 5Page - Texas Instruments TLK1211RCP Datasheet HTML 6Page - Texas Instruments TLK1211RCP Datasheet HTML 7Page - Texas Instruments TLK1211RCP Datasheet HTML 8Page - Texas Instruments TLK1211RCP Datasheet HTML 9Page - Texas Instruments TLK1211RCP Datasheet HTML 10Page - Texas Instruments TLK1211RCP Datasheet HTML 11Page - Texas Instruments TLK1211RCP Datasheet HTML 12Page - Texas Instruments TLK1211RCP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Testability
Loopback Testing
Enable Function
PRBS Function
JTAG
TLK1211RCP
ETHERNET TRANSCEIVERS
SLLS658C – SEPTEMBER 2006 – REVISED SEPTEMBER 2007
The loopback function provides for at-speed testing of the transmit/receive portions of the circuitry. The enable
function allows for all circuitry to be disabled so that an Iddq test can be performed. The PRBS function also
allows for a BIST (built-in self test). The terminal setting, TESTEN high, enables the test mode. The terminal
TESTEN has an internal pulldown resistor, so it defaults to normal operation. The TESTEN is only used for
factory testing, and is not intended for end-user control.
The transceiver can provide a self-test function by enabling (setting LOOPEN to high level) the internal loopback
path. Enabling this function causes serial transmitted data to be routed internally to the receiver. The parallel
data output can be compared to the parallel input data for functional verification. The external differential output
is held in a high-impedance state during the loopback testing.
When held low, ENABLE disables all quiescent power in both the analog and digital circuitry. This allows an
ultralow-power idle state when the link is not active.
This device has a built-in 27–1 PRBS function. When the PRBSEN control bit is set high, the PRBS test is
enabled. A PRBS is generated and fed into the 10-bit parallel transmitter input bus. Data from the normal parallel
input source is ignored during PRBS test mode. The PRBS pattern is then fed through the transmit circuitry as if
it were normal data and sent out to the transmitter. The output can be sent to a bit error rate tester (BERT) or to
the receiver of another TLK1211RCP. Since the PRBS is not really random and is really a predetermined
sequence of 1s and 0s, the data can be captured and checked for errors by a BERT. This device also has a
built-in BERT function on the receiver side that is enabled by PRBSEN. It can receive a PRBS pattern and check
for errors, and then reports the errors by forcing the SYNC/PASS terminal low. When PRBS is enabled,
RBCMODE is ignored. MODESEL must be low for the PRBS verifier to function correctly. The PRBS testing
supports two modes (normal and latched), which are controlled by the SYNCEN input. When SYNCEN is low,
the result of the PRBS bit error rate test is passed to the SYNC/PASS terminal. When SYNCEN is high the result
of the PRBS verification is latched on the SYNC/PASS output (that is, a single failure forces SYNC/PASS to
remain low).
The TLK1211 supports an IEEE1149.1 JTAG function while maintaining compatibility with the industry standard
64 pin QFP package footprint. In this way, the TLK1211 installed on a board layout that was designed for the
industry standard footprint such as for the TNETE2201B. (Provided the supply voltage can be programmed from
the older 3.3 V to 2.5 V.) The JTAG pins on the TLK1211 are chosen to either be on the ‘vender-unique’ pins of
the industry standard footprint, or are on pins that were previously power or ground. The TRSTN pin has been
placed on pin 56, which is a ground on the industry standard footprint. In this way, a TLK1211 installed onto the
older footprint has the JTAG tap controller held in reset, and thus disabled. If the JTAG function is desired, then
the 5 JTAG pins TRSTN, TMS, TCK, TDI, and TDO can be used in the usual manner for a JTAG function. If the
JTAG function is not desired, then connecting TRSTN to ground is recommended. TMS and TDI have internal
pullup resistors, and can thus be left unconnected if not used. TDO is an output and should be left unconnected
if JTAG is not used. TCK does not have an internal pullup, and can be tied to GND or PWR if not used, but with
TRSTN low, this input is not used, and thus can be left unconnected.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLK1211RCP


Similar Part No. - TLK1211RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211RCP TI-TLK1211RCP Datasheet
235Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCP TI1-TLK1211RCP Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCPG4 TI-TLK1211RCPG4 Datasheet
235Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCPG4 TI1-TLK1211RCPG4 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1211RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com