Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS770F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFS770F
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS770F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFS770F Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 770f.doc
Version 1.2
08.05.2006
VI TELEFILTER
Filter specification
TFS 770F
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
Date code
1
3
7
5
1,78
2,54
13
5
7
50 Ohm Test circuit
L1
SAW
L2
2
6
1, 3, 4, 5, 7, 8
770F
● U19
1
Ground
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Ground
8
Ground
Date code:
Year + week
U
2006
V
2007
W
2008
...
20
170
320
470
620
770
920
1070
1220
1370
1520
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
760
762
764
766
768
770
772
774
776
778
780
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
frequency in MHz
760
762
764
766
768
770
772
774
776
778
780
0
0.05
0.1
0.15
0.2
0.25
frequency in MHz


Similar Part No. - TFS770F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS770F VECTRON-TFS770F Datasheet
126Kb / 5P
   Filter specification
More results

Similar Description - TFS770F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com