Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7350A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 6Page - STMicroelectronics TDA7350A Datasheet HTML 7Page - STMicroelectronics TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics TDA7350A Datasheet HTML 10Page - STMicroelectronics TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TDA7350A
10/23
4.3 Delayed Turn-on (muting)
The CSVR sets a signal turn-on delay too. A circuit is included which mutes the device until the voltage
on SVR pin reaches ~2.5V typ (fig. 28). The mute function is obtained by duplicating the input differential
pair (fig. 29): it can be switched to the signal source or to an internal mute input. This feature is necessary
to prevent transients at the inputs reaching the loudspeaker(s) immediately after power-on).
Fig. 28 represents the detailed turn-on transient with reference to the stereo configuration. At the power-
on the output decoupling capacitors are charged through an internal path but the device itself remains
switched off (Phase 1 of the represented diagram).
When the outputs reach the voltage level of about 1V (this means that there is no presence of short cir-
cuits) the device switches on, the SVR capacitor starts charging itself and the output tracks exactly the
SVR pin.
During this phase the device is muted until the SVR reaches the "Play" threshold (~2.5V typ.), after that
the music signal starts being played.
4.4 Stereo/Bridge Switching
There is also no need for external components for changing from stereo to bridge configuration (figg. 27-
30). A simple short circuit between two pins allows phase reversal at one output, yet maintaining the qui-
escent output voltage.
4.5 Stand-by
The device is also equipped with a stand-by function, so that a low current, and hence low cost switch,
can be used for turn on/off.
4.6 Stability
The device is provided with an internal compensation wich allows to reach low values of closed loop gain.
In this way better performances on S/N ratio and SVR can be obtained.
Figure 27. Block Diagram; Stereo Configuration


Similar Part No. - TDA7350A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7350A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA7382 STMICROELECTRONICS-TDA7382 Datasheet
312Kb / 10P
   4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
   22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com