Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2596SGCN263 Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CM2596SGCN263
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2596SGCN263 Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CM2596SGCN263 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2596SGCN263 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CM2596S
3A STEP DOWN VOLTAGE REGULATOR
2006/11/27 Rev 1.0
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2596S series are step-down switching regulators with
all required active functions. It is capable of driving 3A load
with excellent line and load regulations. These devices are
available in fixed output voltages of 3.3V, 5V, and an
adjustable output version.
The CM2596S series offers a high-efficiency replacement for
popular three-terminal linear regulators. Also it requires a
minimum number of external components. It substantially not
only reduces the area of board size but also the size of the
heat sink, and in some cases no heat sink is required.
±4% tolerance on output voltage within specified input
voltages and output load conditions is guaranteed. Also, the
oscillator frequency accuracy is within ±15%. External
shutdown is included, featuring 150μA (typical) standby
current. The output switch includes cycle-by-cycle current
limiting, as well as thermal shutdown for full protection under
fault conditions.
Guaranteed 3A output current
3.3V, 5V, and adjustable versions
Wide input voltage range, up to 40V
Internal oscillator of 150KHz fixed frequency
Wide adjustable version output voltage range, from
1.23V to 37V±4% max over line and load conditions
Low standby current, typ. 150μA, at shutdown mode
Requires only 4 external components
Thermal shutdown and current limit protection
Requires only 4 external components
Excellent line and load regulation specifications
TTL shutdown capability
APPLICATIONS
LCD Monitors
ADD-ON Cards Switching Regulators
High Efficiency Step-Down Regulators
Efficient Pre-regulator for Linear Regulators
ORDERING INFORMATION
Package Type
TO-220
TO-263
Output Voltage
CM2596SSCN220
CM2596SSCN263
3.3V
CM2596SZJCN220
CM2596SZJCN263
5.0V
CM2596SCN220
CM2596SCN263
ADJ.
CM2596SGSCN220
CM2596SGSCN263
3.3V
CM2596SGZJCN220
CM2596SGZJCN263
5.0V
CM2596SGCN220
CM2596SGCN263
ADJ.
CM2596SGCN220B
ADJ
CM2596S
X
X
X
X
Lead Free
Output Voltage
Package Type
Package
220:TO-220
263:TO-263
N: TO package
Blank: Normal
G: Lead Free package
C: Adjustable
SC: 3.3V
ZJC: 5V


Similar Part No. - CM2596SGCN263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2596SJCN220 ETC-CM2596SJCN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SJCN263 ETC-CM2596SJCN263 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2596SGCN263

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com