Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-1502M12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-1502M12
Description  6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1502M12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EMIF06-1502M12_08 Datasheet HTML 2Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 3Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 4Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 5Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 6Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 7Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 8Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 9Page - STMicroelectronics EMIF06-1502M12_08 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EMIF06-1502M12
Recommendation on PCB assembly
7/10
4.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
4.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.


Similar Part No. - EMIF06-1502M12_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12 Datasheet
210Kb / 9P
   6 line low capacitance EMI filter and ESD protection in Micro QFN package
More results

Similar Description - EMIF06-1502M12_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
   6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1005N12 STMICROELECTRONICS-EMIF06-1005N12 Datasheet
486Kb / 12P
   6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
   4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
EMIF04-1502M8 STMICROELECTRONICS-EMIF04-1502M8 Datasheet
198Kb / 10P
   4-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12 Datasheet
210Kb / 9P
   6 line low capacitance EMI filter and ESD protection in Micro QFN package
EMIF02-1003M6 STMICROELECTRONICS-EMIF02-1003M6 Datasheet
199Kb / 10P
   2 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
   1 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3 Datasheet
131Kb / 10P
   1 line IPAD, EMI filter and ESD protection in Micro QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com