Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES29LV160F Datasheet(PDF) 2 Page - Excel Semiconductor Inc.

Part # ES29LV160F
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV160F Datasheet(HTML) 2 Page - Excel Semiconductor Inc.

  ES29LV160F Datasheet HTML 1Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
ES29LV160F
Excel Semiconductor Inc.
Rev.0A (Dec 12, 2007)
2
ES29LV160F
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 3.0 Volt-only Boot Sector Flash Memory
Main Characteristics
Architectural Advantages
Single Power Supply Operation
Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered
applications
Flexible Sector Architecture
– One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and thirty-one 64 Kbyte sectors (byte mode)
– One 8 Kword, two 4 Kword, one 16 Kword, and thirty-one 32 Kword sectors (word mode)
Sector Protection Features
– A hardware method of locking a sector to prevent any program or erase operations within
that sector
– Sectors can be locked in-system or via programming equipment
– Temporary Sector Unprotect feature allows code changes in previously locked sectors
Unlock Bypass Program Command
– Reduces overall programming time when issuing multiple program command sequences
Top or Bottom Boot Block Configurations Available
Compatibility with JEDEC standards
– Pinout and software compatible with single-power supply Flash
– Superior inadvertent write protection
Performance Characteristics
High Performance
– Access times as fast as 55ns
– Commercial (0°C to +70°C) and Industrial temperature range (-40°C to +85°C)
Program and erase performance ( typical values )
– Program time, 5us/byte, 7us/word
– Erase time 0.4sec/sector
Ultra Low Power Consumption (typical values)
– 10uA Automatic Sleep mode current
– 10uA standby mode current
– 9 mA read current at 5MHz
– 15 mA program/erase current
Cycling Endurance: Minimum 100,000 cycles per sector
Data Retention: 20 years typical


Similar Part No. - ES29LV160F

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV160F-12RTG EXCELSEMI-ES29LV160F-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160F-70RTG EXCELSEMI-ES29LV160F-70RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160F-70WCI EXCELSEMI-ES29LV160F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160FB-12RTG EXCELSEMI-ES29LV160FB-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160FB-12RTG EXCELSEMI-ES29LV160FB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV160F

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160DT-70EI AMD-AM29LV160DT-70EI Datasheet
1Mb / 50P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV160DB-70EC SPANSION-AM29LV160DB-70EC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com