Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WISMC01BI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WISMC01BI
Description  802.11b/g Wireless LAN - TCP/IP (BISM II Pin Compatible)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WISMC01BI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WISMC01BI Datasheet HTML 6Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 7Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 8Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 9Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 10Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 11Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 12Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 13Page - List of Unclassifed Manufacturers WISMC01BI Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2005-2006 Ezurio Ltd
Data Sheet
9
down the WLAN chipset, and awaits commands from the host or from a script
running on the module. While in powersave mode 5 the host or scripts cannot send
the following commands:
o
SEARCH
o
ATTACH
o
SECURITY
o
AUTHENTICATE
o
KEY
o
DETACH
To gain access to all commands the module must first be changed from powersave mode 5 to
either powersave 1 or powersave 0 mode.
7. Application Information
7.1 External Antenna
A variety of manufacturers can supply external antennae suitable for use with the WISM module as a
diversity or prime antenna.
Users should be aware that the choice of antenna will affect the
qualification of the module.
To ensure that the qualification is not affected, the TOTAL GAIN of the external antenna, including
insertion loss of the connectors and cable must be less than 3dBi. If a higher gain is employed, then
the pre-qualified status of the module will be lost. It is the customer’s responsibility to ensure that an
external antenna does not negate the qualification.
7.2 Power Supply Considerations
The power supply for the Module has to be a single voltage source of Vcc within the range of 3.3 V to
5.0 V. It must be able to provide sufficient current in a transmit burst. This can rise to 550mA.
The Module includes regulators to provide local 3.0V. This rail is accessible on connector J2 for
monitoring purposes only. Under no circumstances should this pin be used to source current.
Power (Vcc) can be provided via the board-to-board connector Pins 28, 29 and 31.
7.3 Power-On-Reset
The Module is provided with an active high reset pin (Hirose 40way DF12C connector pin 13). Upon the
application of power, the Power On Reset circuit built into the Module will ensure that the unit starts
correctly. There is no need for an external power reset monitor.
7.4 Operational Temperature
The Wireless LAN module is designed to meet an operational temperature of -40°C to +85°C in the
standard mode where it is running in IEEE power save mode.
If the module is run in a mode that results in more frequent receive and transmit activity the operating
temperature will need to be derated to ensure that overall module power dissipation limits are not
exceeded. When the ambient temperature rises above 60°C the module should only be operated in
powersave mode 1 or higher.
7.5 Mounting the Module onto the application platform
There are many ways to properly install the Module in the host device. An efficient approach is to
mount the PCB to a frame, plate, rack or chassis. Fasteners can be M1.8 or M2 screws plus suitable


Similar Part No. - WISMC01BI

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WIS2269N8 WINSEMI-WIS2269N8 Datasheet
484Kb / 10P
   Current Mode PWMController
logo
Advantech Co., Ltd.
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
   Wireless IoT IP Node
WISE-1020 ADVANTECH-WISE-1020 Datasheet
480Kb / 2P
   Wireless IoT Node
WISE-1020-0C01E ADVANTECH-WISE-1020-0C01E Datasheet
531Kb / 2P
   Wireless IoT Mesh Network Gateway
WISE-1020-0C01E ADVANTECH-WISE-1020-0C01E Datasheet
480Kb / 2P
   Wireless IoT Node
More results

Similar Description - WISMC01BI

ManufacturerPart #DatasheetDescription
logo
Level One
WBO-0100 LVL1-WBO-0100 Datasheet
223Kb / 3P
   Works with IEEE 802.11b/g wireless LAN
WAP-6013 LVL1-WAP-6013 Datasheet
596Kb / 6P
   Wireless network up to 300Mbps Compatible with IEEE 802.11b/g/n wireless standards
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Level One
WAP-6101 LVL1-WAP-6101 Datasheet
487Kb / 5P
   Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
logo
Microchip Technology
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Contec Co., Ltd
FXA3000 CONTEC-FXA3000 Datasheet
632Kb / 2P
   IEEE802.11n/a/b/g Wireless LAN
logo
Rohm
BW9490-E ROHM-BW9490-E Datasheet
542Kb / 1P
   IEEE802. 11b/g Wireless LAN Module
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
   Wireless LAN 802.11a/b/g Controller
2004
logo
Level One
WAP-6150 LVL1-WAP-6150 Datasheet
462Kb / 6P
   300Mbps Compatible with IEEE 802.11b/g/n wireless standards Multi-operation modes to suit different wireless applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com