Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-627MCL601 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTP-627MCL601
Description  2??high speed thermal p rinter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-627MCL601 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTP-627MCL601 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 8Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FTP-627MCL401/601
Name
Functions
Remarks
Note
CN +24V power supply connector Connection for +24V power supply
CN2 RS-232C
Connection for serial interface
CN USB I/F connector
Connection for USB interface
CN4
-
Connection for thermal head + paper feed motor 2-inch, 30 pin
CN5 Cutter connector
Connection for paper cutter
CN6 Operation panel connector
Connection for operation panel
*
CN7 Near end sensor connector
Connection for near end switch
*2
CN8
-
-
CN9 Logic power connector
Connection for +5V power Supply
CN10 Head/motor connector
Connection for thermal head & paper feed motor 2-inch, 24 pin
Note: *1: Option
*2: Depends on specification
n
iNTerFaCebOardFTP-627dSL601Series
ConnectorsonControlBoard


Similar Part No. - FTP-627MCL601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-627MCL601 FUJITSU-FTP-627MCL601 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
More results

Similar Description - FTP-627MCL601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL401 FUJITSU-FTP-628MCL401 Datasheet
604Kb / 9P
   Battery Driven FTP-608 Series 2??high speed thermal p rinter
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
logo
Rohm
SE3003-DC70A ROHM-SE3003-DC70A Datasheet
64Kb / 4P
   High speed thermal printhead (with thermal historical control)
logo
Fujitsu Component Limit...
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
logo
Rohm
SE2003-DC70A ROHM-SE2003-DC70A Datasheet
56Kb / 4P
   High speed thermal printhead (with thermal historical control)
NF3004-WA30A ROHM-NF3004-WA30A Datasheet
76Kb / 5P
   High speed thermal printhead (with thermal historical control)
logo
Fujitsu Component Limit...
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
logo
Rohm
NF3002-WA30A ROHM-NF3002-WA30A Datasheet
68Kb / 4P
   High speed thermal printhead (with thermal historical control)
SE3002-DC70A ROHM-SE3002-DC70A Datasheet
61Kb / 4P
   High speed thermal printhead (with thermal historical control)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com