Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPTS30L30CT Datasheet(PDF) 8 Page - International Rectifier

Part # SPTS30L30CT
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPTS30L30CT Datasheet(HTML) 8 Page - International Rectifier

  SPTS30L30CT Datasheet HTML 1Page - International Rectifier SPTS30L30CT Datasheet HTML 2Page - International Rectifier SPTS30L30CT Datasheet HTML 3Page - International Rectifier SPTS30L30CT Datasheet HTML 4Page - International Rectifier SPTS30L30CT Datasheet HTML 5Page - International Rectifier SPTS30L30CT Datasheet HTML 6Page - International Rectifier SPTS30L30CT Datasheet HTML 7Page - International Rectifier SPTS30L30CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STPS30L30CT, STPS30L30CG
8
Bulletin PD-20626 rev. D 01/07
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
Current Rating (30A)
3
-
L = Low Voltage
4
-
Voltage Rating (30 = 30V)
5
-
C = Common cathode
6
-
G = D2Pak package
T = TO-220
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free (for D2Pak tube)
P
= Lead-Free (for D2Pak TRR and TRL)
STPS 30
L
30
C
G
TRL
-
6
7
8
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 01/07
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - SPTS30L30CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
   SWITCHING POWER TRANSFORMERS
logo
Sensata Technologies, I...
SPT SENSATA-SPT Datasheet
194Kb / 2P
   SPT ENCODER INTERFACE MODULES
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
SPT-90AV51HXA1 ETC2-SPT-90AV51HXA1 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
ATGBICS by Approved Tec...
SPT-P854G-S3D-C ATGBICS-SPT-P854G-S3D-C Datasheet
375Kb / 10P
   SPT-P854G-S3D Sopto Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SPTS30L30CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com