Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPTS30L30CT Datasheet(PDF) 1 Page - International Rectifier

Part # SPTS30L30CT
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPTS30L30CT Datasheet(HTML) 1 Page - International Rectifier

  SPTS30L30CT Datasheet HTML 1Page - International Rectifier SPTS30L30CT Datasheet HTML 2Page - International Rectifier SPTS30L30CT Datasheet HTML 3Page - International Rectifier SPTS30L30CT Datasheet HTML 4Page - International Rectifier SPTS30L30CT Datasheet HTML 5Page - International Rectifier SPTS30L30CT Datasheet HTML 6Page - International Rectifier SPTS30L30CT Datasheet HTML 7Page - International Rectifier SPTS30L30CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
30 Amp
Bulletin PD-20626 rev. D 01/07
1
This center tap Schottky rectifier has been optimized for very
low forward voltage drop, with moderate leakage. The propri-
etary barrier technology allows for reliable operation up to
150° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
150° C T
J operation
Center tap configuration
Very low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
Major Ratings and Characteristics
I
F(AV) Rectangular
2 x 15
A
waveform
V
RRM
30
V
V
F
@15 Apk, T
J = 125°C
0.37
V
(Per Leg)
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
STPS30L30CT
STPS30L30CG
Case Styles
STPS30L30CT
TO-220
STPS30L30CG
D2PAK
www.irf.com
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
IF(AV) = 30Amp
VR = 30V


Similar Part No. - SPTS30L30CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
   SWITCHING POWER TRANSFORMERS
logo
Sensata Technologies, I...
SPT SENSATA-SPT Datasheet
194Kb / 2P
   SPT ENCODER INTERFACE MODULES
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
SPT-90AV51HXA1 ETC2-SPT-90AV51HXA1 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
ATGBICS by Approved Tec...
SPT-P854G-S3D-C ATGBICS-SPT-P854G-S3D-C Datasheet
375Kb / 10P
   SPT-P854G-S3D Sopto Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SPTS30L30CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com