Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EC16-UF25TR Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK14EC16-UF25TR
Description  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16-UF25TR Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK14EC16-UF25TR Datasheet HTML 2Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 3Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 4Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 5Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 6Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 7Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 8Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 9Page - Simtek Corporation STK14EC16-UF25TR Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Simtek Confidential
Jan, 2008
Document Control #ML0061 Rev 1.1
STK14EC16
Preliminary
SRAM READ CYCLES #1 & #2
Note c:
W must be high during SRAM READ cycles.
Note d:
Device is continuously selected with E and G both low, LB and UB select bytes read.
Note e:
Measured
± 200mV from steady state output voltage.
Note f:
HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1: Address Controlledc,d,f
SRAM READ CYCLE #2: E and G Controlledc,f
NO.
SYMBOLS
PARAMETER
STK14EC16-15
STK14EC16-25
STK14EC16-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
15
25
45
ns
2
tAVAV
c
tELEH
c
tRC
Read Cycle Time
15
25
45
ns
3
tAVQV
d
tAVQV
d
tAA
Address Access Time
15
25
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
10
12
20
ns
5
tBLQV
Byte Enable to Data Valid
10
12
20
ns
6
tAXQX
d
tAXQX
d
tOH
Output Hold after Address Change
3
3
3
ns
7
tELQX
tLZ
Address Change or Chip Enable to
Output Active
3
3
3
ns
8
tEHQZ
e
tHZ
Address Change or Chip Disable to
Output Inactive
7
10
15
ns
9
tBLQX
Byte Enable to Output Active
7
10
15
ns
10
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
11
tGHQZ
e
tOHZ
Output Disable to Output Inactive
7
10
15
ns
12
tBHQZ
e
Byte Enable to Output Inactive
7
10
15
ns
13
tELICCH
b
tPA
Chip Enable to Power Active
0
0
0
ns
14
tEHICCL
b
tPS
Chip Disable to Power Standby
15
25
45
ns
Previous Data Valid
Output Data Valid
Address Valid
(3)
(6)
Address
Data Output
tAVAV
tAVQV
tAXQX
(2)
6
tELQ X
ST AND BY
DAT A VAL ID
4
tGL QV
DQ (D ATA OUT)
E
ADDR ESS
G
ICC
AC T IVE
10
tELI CC H
11
tEHI CC L
7
tEHQ Z
8
tGL QX
1
tEL Q V
9
tGH Q Z
2
tELEH
29
tEHAX
3
tAV QV
27


Similar Part No. - STK14EC16-UF25TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC16-UF25TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com