Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5104 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME5104
Description  DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5104 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME5104 Datasheet HTML 1Page - Analog Microelectronics AME5104 Datasheet HTML 2Page - Analog Microelectronics AME5104 Datasheet HTML 3Page - Analog Microelectronics AME5104 Datasheet HTML 4Page - Analog Microelectronics AME5104 Datasheet HTML 5Page - Analog Microelectronics AME5104 Datasheet HTML 6Page - Analog Microelectronics AME5104 Datasheet HTML 7Page - Analog Microelectronics AME5104 Datasheet HTML 8Page - Analog Microelectronics AME5104 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AME, Inc.
2
150KHz,3A PWM
DC/DC Buck Converter
AME5104
Rev.C.02
n Function Block Diagram
n Typical Application
AME 5104
Fix Output
D1
1N5825
L1
33uH
L
O
A
D
C2
220 uF
2
SW
3
1
Input
+
Unregulated
DC Input
FB
C1
680uF
4
GND
EN
5
AME 5104
AdjustableOutput
D1
1N5825
L1
47uH
L
O
A
D
C2
220uF
2
SW
3
5
1
Input
+
Unregulated
DC Input
FB
C1
680uF
4
EN
R1
R 2
1K
Gnd
SW
Current
Source
Bias
1.235V
Reference
2.5V
Regulator
Start
Up
COMP
+
-
COMP
+
-
200 mV
220 mV
Driver
Thermal
Limit
150 KHz
OSC .
COMP
+
-
AMP
+
-
GND
VIN
EN
FB
R 1=2.5K
R2
COMP
+
-
Current
Limit
+
+
R
3A
Switch


Similar Part No. - AME5104

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5106AIHAADJZ AME-AME5106AIHAADJZ Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51071IHAADJZ AME-AME51071IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51072IHAADJZ AME-AME51072IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
More results

Similar Description - AME5104

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com